Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ200G Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 17Page - STMicroelectronics L99DZ200G Datasheet HTML 18Page - STMicroelectronics L99DZ200G Datasheet HTML 19Page - STMicroelectronics L99DZ200G Datasheet HTML 20Page - STMicroelectronics L99DZ200G Datasheet HTML 21Page - STMicroelectronics L99DZ200G Datasheet HTML 22Page - STMicroelectronics L99DZ200G Datasheet HTML 23Page - STMicroelectronics L99DZ200G Datasheet HTML 24Page - STMicroelectronics L99DZ200G Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
DS13220 Rev 5
21/198
L99DZ200G
Electrical specifications
197
All parameters are guaranteed in the junction temperature range -40 to 150°C (unless
otherwise specified); the device is still operative and functional at higher temperatures (up to
175°C).
Note:
Parameters limits at higher junction temperatures than 150°C may change with respect to
what is specified as per the standard temperature range.
Note:
Device functionality at high junction temperature is guaranteed by characterization.
3.3.1
LQFP64 thermal data
L99DZ200G embeds a multitude of junctions (i.e. Outputs based on a Power MOSFET
stage) housed in a relatively small piece of silicon. The devices contain, among all the
described features, 4 Half-bridges (8 N-Channel PowerMOS), 7 high-sides, two voltage
regulators (one of which can work as voltage tracker); all the other derivatives, even if
smaller than the family super set device, still contain a significant number of junctions.
For this reason, using the Thermal Impedance of a single junction (i.e. voltage regulator or
major power dissipation contributor) does not allow to predict thermal behavior of the whole
device and therefore it is not possible to assess if a device is thermally suitable for a given
activation profile and loads characteristics.
Thermal information is provided as temperature reading by different clusters placed close to
the most dissipative junctions.
Some representative and realistic worst-case thermal profiles are described in the below
paragraph.
The following measurement methods can be easily implemented, by the final user, for a
specific activation profile.
L99DZ200G thermal profiles
Activation Profile
Table 5. Temperature Warning and Thermal Shutdown
Item(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
F.025
TW
Thermal warning threshold
Tj
(2)
140
150
160
°C
F.026
TSD1
Thermal shutdown junction
temperature 1
Tj
(2)
Cluster 1-4
165
175
185
°C
F.027
Tj
(2)
Cluster 5-6
165
175
193
F.028
TSD2
Thermal shutdown junction
temperature 2
Tj
(2)
175
185
198
°C
F.029
TSD12hys
Hysteresis
5
°C
F.030
Tjtft (3)
Thermal warning / shutdown
filter time
32
µs
1. The Item numbering is described in Section 3.4: Electrical characteristics.
2. Non-overlapping.
3. Tested by scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com