Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ200G Datasheet(PDF) 78 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 74Page - STMicroelectronics L99DZ200G Datasheet HTML 75Page - STMicroelectronics L99DZ200G Datasheet HTML 76Page - STMicroelectronics L99DZ200G Datasheet HTML 77Page - STMicroelectronics L99DZ200G Datasheet HTML 78Page - STMicroelectronics L99DZ200G Datasheet HTML 79Page - STMicroelectronics L99DZ200G Datasheet HTML 80Page - STMicroelectronics L99DZ200G Datasheet HTML 81Page - STMicroelectronics L99DZ200G Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 198 page
background image
Application information
L99DZ200G
78/198
DS13220 Rev 5
Figure 22. Main operating modes
4.6
Configurable Window Watchdog
During normal operation, the watchdog monitors the microcontroller within a programmable
trigger cycle.
After power-on or standby mode, the watchdog is started with a timeout (Long Open Window
tLW). The timeout allows the microcontroller to run its own setup and then to start the window
watchdog by setting TRIG (CR1, Config Reg(e)) =1. Subsequently, the microcontroller has to
5. After power-on, the HS CAN transceiver is in CAN_TRX_SLEEP mode. It is activated by SPI command
(CAN_GO_TRX_RDY= 1).
6. ON, if cyclic sense is enabled or during wake-up request.
7. Cyclic activation = pulsed ON during cyclic sense.
8. In V1_Standby and VBAT_Standby modes OUT15 is ON only if it is not driven with an internally generated PWM signal.
9. ON in Fail-Safe mode; if standby mode is entered with active Fail-safe mode the output remains ON in standby mode.
Active
Mode
V1: ON
Reset Generator: active
Watchdog: active
V1 Standby
Mode
V1: ON
Reset Generator: active
Watchdog:
OFF (if Iv1<Icmp or ICMP = 1)
Vbat Standby
Mode
V1: OFF
Reset Generator: OFF(Nreset=low)
Watchdog: OFF
Wake-up
Event
Wake-up
Event
SPI command
Vbat startup
All registers
Set to default,
Chip Reset bit (RSTB)
= 1
Vs > Vpor
7x Thermal Shutdown TSD2
OR
15 x WD fail
Flash Mode (LIN/CAN)
Functionality as in Active Mode
Watchdog: OFF
CAN Flash Mode:
CAN TRX RDY=1, RXEN=1, TXEN=1
LIN Flash Mode:
LIN_HS_en=1
VTXDL > Vflash
OR
VTXDC > Vflash
VTXDL > Vflash
OR
VTXDC > Vflash
VTXDL < Vflash
AND
VTXDC < Vflash
VTXDL > Vflash
OR
VTXDC > Vflash
SPI command
OR
7x Thermal Shutdown 2
OR
V1 short to GND
(V1 < 2V for 4ms after switch ON)
OR
15 x WD Failure
GAPG0408151614CFT
e.
TRIG bits in CR1 and Config Reg are mirrored; either can be used for triggering the watchdog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com