Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 7Page - STMicroelectronics TDA7808 Datasheet HTML 8Page - STMicroelectronics TDA7808 Datasheet HTML 9Page - STMicroelectronics TDA7808 Datasheet HTML 10Page - STMicroelectronics TDA7808 Datasheet HTML 11Page - STMicroelectronics TDA7808 Datasheet HTML 12Page - STMicroelectronics TDA7808 Datasheet HTML 13Page - STMicroelectronics TDA7808 Datasheet HTML 14Page - STMicroelectronics TDA7808 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DS12230 Rev 4
11/39
TDA7808
Electrical specification
38
3.3
Electrical characteristics
Referred to the test setup VS = 14.4 V; RL = 4 Ω; f = 1 kHz; tested at Tamb = 25 °C;
functionality guaranteed for Tj = -40 °C to 150 °C; SB-I mode; unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General
VS
Supply voltage range
RL = 4 Ω
6
-
18.5
V
ISB
Standby current
-
-
1
4
μA
Iq
Total quiescent current in
amplifier mode
Mute condition
-
170
210
mA
IqECO
Total quiescent current in
ECO mode
ECO mode
-
35
40
mA
AM
Mute attenuation
-
80
-
-
dB
VOS
Offset voltage
Mute and play
-25
-
+25
mV
VlowM
VCC low supply mute
threshold
(Min I2C setting - default)
Attenuation <0.5 dB, digital mute
disabled
-
-
5.6
V
Attenuation ≥60 dB, digital mute
disabled
5-
-
V
VPOWONRESET
Supply voltage of power-on
reset
-
-
3.5
-
V
VhighM
High supply mute threshold
Attenuation = -6 dB
19
-
21
V
Audio performances
PO
Output power
RL = 4 Ω; max power (1)
40
43
-
W
THD = 10 %25
27
-
W
THD = 1 %20
22
-
W
THDSB
Total harmonic distortion
(Standard bridge)
PO = 4 W, f=1 kHz, GV1
-
0.015
0.04
%
PO = 4 W, f=10 kHz, GV1
-
0.15
0.5
%
RL =100 Ω input=-10 dBFS,
f = 1 kHz, GV1,2,3,4
-
0.01
0.02
%
THD
Total harmonic distortion
(SBI mode)
PO = 2 W, f = 1 kHz, GV1
-
0.015
0.04
%
PO = 6 W, f =1 kHz, GV1
-
0.02
0.06
%
CT(2)
Cross talk
f = 1 kHz
-
100
-
dB
f = 10 kHz
-
80
-
dB
GV1
Voltage gain 1
@ Amplitude = -18 dBFs
2.3
2.5
-
Vp
GV2
Voltage gain 2
1.25
1.35
-
Vp
GV3
Voltage gain 3
0.9
1
-
Vp
GV4
Voltage gain 4
0.4
0.55
-
Vp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com