Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 27Page - STMicroelectronics TDA7808 Datasheet HTML 28Page - STMicroelectronics TDA7808 Datasheet HTML 29Page - STMicroelectronics TDA7808 Datasheet HTML 30Page - STMicroelectronics TDA7808 Datasheet HTML 31Page - STMicroelectronics TDA7808 Datasheet HTML 32Page - STMicroelectronics TDA7808 Datasheet HTML 33Page - STMicroelectronics TDA7808 Datasheet HTML 34Page - STMicroelectronics TDA7808 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
DS12230 Rev 4
31/39
TDA7808
I2C registers
38
10.1.3
IB2 - Subaddress "I0000010h" - default = "00000000"
Table 13. B2 - Subaddress "I0000010h" - default = "00000000"
Bit
Instruction decoding bit
D7
Sample frequency range (Word select frequency)
D7 D6 Sample frequency
0 0
44.1 kHz
0 1
48 kHz(1)
1 0
96 kHz
1 1
192 kHz
1. Byte IB3 settings can be changed only if the amplifier is in Low quiescent current state, otherwise the
command is ignored.
D6
D5
Digital Input Format
D5 D4 D3
0 0 0 I2S standard
0 0 1 TDM – 4ch
0 1 0 TDM – 8ch (SD2_4 input, device 1)
0 1 1 TDM – 8ch (SD2_4 input device 2)
1 0 0 TDM – 16ch (SD2_4 input – device 1)
1 0 1 TDM – 16ch (SD2_4 input – device 2)
1 1 0 TDM – 16ch (SD1_3 input – device 3)
1 1 1 TDM – 16ch (SD1_3 input – device 4)
D4
D3
D2
Mute 1&3
0: Channels 1&3 Muted
1: Channels 1&3 un-Muted
D1
Mute 2&4
0: Channels 2&4 Muted
1: Channels 2&4 un-Muted
D0
Disable digital mute
0: Digital mute ON
1: Digital mute OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com