Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 21Page - STMicroelectronics TDA7808 Datasheet HTML 22Page - STMicroelectronics TDA7808 Datasheet HTML 23Page - STMicroelectronics TDA7808 Datasheet HTML 24Page - STMicroelectronics TDA7808 Datasheet HTML 25Page - STMicroelectronics TDA7808 Datasheet HTML 26Page - STMicroelectronics TDA7808 Datasheet HTML 27Page - STMicroelectronics TDA7808 Datasheet HTML 28Page - STMicroelectronics TDA7808 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
DS12230 Rev 4
25/39
TDA7808
Functional description
38
8
Functional description
8.1
Voltage regulators timing
Pins D3V3 and A3V3 are respectively the digital and analog internal regulators. The D3V3
rises right after the STBY pin is at the logical value "1" and its rising time depends on the
filter capacitor; the value suggested for this filter is of min 4.7 μF.
The A3V3 rises after any command that moves the amplifier from low quiescent current
mode; the rising time depends on the combined effect of the external capacitor on the pin
and of an internal 2 ms ramp: if the capacitor value is 22 μF or lower, the internal ramp effect
is dominant and the rising time will be about 2 ms. On the other hand, when the capacitor
has a higher value, the rise time will be higher as well. The suggested value for this
capacitor is 22 μF (47 μF) at least.
8.2
SB-I Improved high efficiency principle
The TDA7808 embeds an improved high efficiency feature that minimizes the power
dissipated through the heat sink basing on the musical signal characteristic. All bridges are
connected to a common bar by means of four power switches. When an input signal goes
under a threshold that depends on the Vs level, the switch will short the corresponding
output to the common bar in such a way that it can exchange current with the other channel.
The dissipation reduction can be up to 50% compared to standard AB class.
The TDA7808 sets the high efficiency mode by default, but it can be changed through the
bits IB0 D3, D2, D1 and D0.
8.3
Input offset detector
Input offset detector aim is to avoid any possible offset that could come from the audio
signal source through I2S/TDM input stream.
For this purpose the TDA7808 input offset detector performs an evaluation of the input
signal and calculates if an offset with values higher than -19.5 dBFs is present.
Moreover, if high pass filter function is selected by means of IB3-d2, the TDA7808 will
eliminate the input offset giving a complete robustness to any disturbance or malfunction
coming from the previous audio chain blocks.
The input offset detector and high-pass filtering can be used during PLAY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com