Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 16Page - STMicroelectronics TDA7808 Datasheet HTML 17Page - STMicroelectronics TDA7808 Datasheet HTML 18Page - STMicroelectronics TDA7808 Datasheet HTML 19Page - STMicroelectronics TDA7808 Datasheet HTML 20Page - STMicroelectronics TDA7808 Datasheet HTML 21Page - STMicroelectronics TDA7808 Datasheet HTML 22Page - STMicroelectronics TDA7808 Datasheet HTML 23Page - STMicroelectronics TDA7808 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
I2S and TDM bus interface
TDA7808
20/39
DS12230 Rev 4
7
I2S and TDM bus interface
The audio input port is a three/four-wire synchronous serial interface that can operate only
as Slave. Pins SD13 and SD24 are the serial data inputs. The audio data format accepted
from TDA7808 is the I2S standard.
Input data can also be sent in time division multiplexed (TDM). Pins SCK (bit clock) and WS
(frame select) complete the I2S interface.
Important note on I2S-clock: when I2S-clk is lost during amplifier operations a protection
circuit acts and puts the amplifier in a safe condition: amplifier short circuit protections are
guaranteed, dump protection is guaranteed, signal is muted and outputs bias is under
control.
For avoiding other side effects user should put the amplifier in standby moving STBY pin to
0 V.
7.1
I2S and TDM input data frame format
The audio data word length for each channel may be up to 24 bit. Either for I2S or TDM
mode, the frame for each channel has 32 bit length.
The following table summarizes the frequencies configurations.
Table 7. System input frequencies
Frequency sampling
(Fs)
System clock frequency (fSCK), (MHz)
I2S standard
TDM 4ch
TDM 8ch/8+8ch
44.1 (kHz)
2.8224
5.6448
11.2896
48 (kHz)
3.072
6.144
12.288
96 (kHz
6.144
12.288
24.576
192 (kHz
12.288
24.576
N.A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com