Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 8Page - STMicroelectronics TDA7808 Datasheet HTML 9Page - STMicroelectronics TDA7808 Datasheet HTML 10Page - STMicroelectronics TDA7808 Datasheet HTML 11Page - STMicroelectronics TDA7808 Datasheet HTML 12Page - STMicroelectronics TDA7808 Datasheet HTML 13Page - STMicroelectronics TDA7808 Datasheet HTML 14Page - STMicroelectronics TDA7808 Datasheet HTML 15Page - STMicroelectronics TDA7808 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Electrical specification
TDA7808
12/39
DS12230 Rev 4
DR(2)
Dynamic range
A-wtd values, GV1 gain
-
115
-
dB
Eout1
Output noise voltage
GV = GV1
GV = GV4
A-wtd values
-
-
27
18
40
-
μV
Eout2
Output noise voltage
GV = GV1
GV = GV4
ITU-R 468
-
-
70
45
96
-
μV
SNR(2)
Signal to noise ratio
A-wtd values, GV1 gain
-
115
-
dB
Gv
Channel Gain Mismatch
-
-0.5
-
0.5
dB
SSR
Supply slew rate
-
-
1
-
V/μs
PSRR
Power supply rejection ratio
f = 1 kHz;
Vr = 1 Vpk;
60
70
-
dB
VOITU|
ITU Pop filter output voltage
(standard bridge mode)
Eco mode to mute transition and
vice versa
--
4
mV
Mute to Play and Play to Mute
transition(3)
-0-
mV
Clipping detector
CDLK
Clip det high leakage current CD off, V = 3.3 V
-
0
1
A
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
50
-
mV
CD1THD
Clip det THD threshold 1
-
-
2
3
%
CD2THD
Clip det THD threshold 2
-
4
6
8
%
CD3THD
Clip det THD threshold 3
-
9
12
14
%
I2C bus interface
fSCL
Clock frequency
-
-
-
400
kHz
VIL
Input low voltage
-
-
-
0.8
V
VIH
Input high voltage
-
1.3
-
-
V
Volmax
Maximum I2C data pin low
voltage when current Isink is
sinked
Isink = 2 mA
-
-
0.27
V
Isink = 8 mA
-
-
0.7
V
Ilimax
Maximum input leakage
current
V = 3.6 V
-
-
1
μA
STBY pin
VILSTBY
Input low voltage
-
-
-
1.2
V
VIHSTBY
Input high voltage
-
2.4
-
-
V
IILSTBY
Logic ‘0’ output current
VIN = 0.45 V-
-
1
μA
IIHSTBY
Logic ‘1’ input current
VIN = 2.3 V, IB0 D4 = 0
-
-
1
μA
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com