Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 26Page - STMicroelectronics TDA7808 Datasheet HTML 27Page - STMicroelectronics TDA7808 Datasheet HTML 28Page - STMicroelectronics TDA7808 Datasheet HTML 29Page - STMicroelectronics TDA7808 Datasheet HTML 30Page - STMicroelectronics TDA7808 Datasheet HTML 31Page - STMicroelectronics TDA7808 Datasheet HTML 32Page - STMicroelectronics TDA7808 Datasheet HTML 33Page - STMicroelectronics TDA7808 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
I2C registers
TDA7808
30/39
DS12230 Rev 4
10.1.2
IB1 - Subaddress "I0000001h" - default = "00000000"
Table 12. IB1 - Subaddress "I0000001h" - default = "00000000"
Bit
Instruction decoding bit
D7
Not used
D6
Not used
D5
D4
Digital gain selection
D5 D4
Digital gain
0
0
default
0
1
+6 dB
1
0
+12 dB
1
1
Not used
D3
D2
Gain Channel 1 & 3
D3 D2
Gain
0
0
GV1
0
1
GV2
1
0
GV3
1
1
GV4
D1
D0
Gain Channel 2 & 4
D1 D0
Gain
0
0
GV1
0
1
GV2
1
0
GV3
1
1
GV4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com