Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 13Page - STMicroelectronics TDA7808 Datasheet HTML 14Page - STMicroelectronics TDA7808 Datasheet HTML 15Page - STMicroelectronics TDA7808 Datasheet HTML 16Page - STMicroelectronics TDA7808 Datasheet HTML 17Page - STMicroelectronics TDA7808 Datasheet HTML 18Page - STMicroelectronics TDA7808 Datasheet HTML 19Page - STMicroelectronics TDA7808 Datasheet HTML 20Page - STMicroelectronics TDA7808 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
DS12230 Rev 4
17/39
TDA7808
Operation states
38
4
Operation states
TDA7808 functionality is regulated by means of a finite state machine.
Main states are:
Standby
ECO-mode
Amplifier mode
4.1
Standby state
When STBY pin is under VILSTBY voltage the amplifier is in stand-by state and the current
consumption is very low.
4.2
ECO-mode state
When STBY pin is over VIHSTBY the amplifier is in a state of low current absorption, the
ECO-mode. The short circuit protections are active and the amplifier is ready for receiving
commands from micro-controller through I2C interface.
Outputs and A3V3 supply are biased at 0 V.
4.3
Amplifier-mode state
When TDA7808 is in ECO-mode state, IB3-d0 is set to "1", (Amplifier-ON), and I2S clock is
present the amplifier moves to Amplifier-mode state.
The outputs are biased from 0 V to Vcc/2 and the current consumption reaches "Iq" level
until the amplifier is set in MUTE or in PLAY with low level signal. User can move the
amplifier from MUTE to PLAY and viceversa acting on IB2-d4, d3 bits.
A hardware unmute pin is available in PSO36 package only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com