Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94236 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS94236
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94236 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS94236 Datasheet HTML 6Page - Integrated Circuit Systems ICS94236 Datasheet HTML 7Page - Integrated Circuit Systems ICS94236 Datasheet HTML 8Page - Integrated Circuit Systems ICS94236 Datasheet HTML 9Page - Integrated Circuit Systems ICS94236 Datasheet HTML 10Page - Integrated Circuit Systems ICS94236 Datasheet HTML 11Page - Integrated Circuit Systems ICS94236 Datasheet HTML 12Page - Integrated Circuit Systems ICS94236 Datasheet HTML 13Page - Integrated Circuit Systems ICS94236 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
ICS94236
0451A
—01/10/03
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND
–0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0
°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . .
–65°C to +150°C
Stresses above those listed under
may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70
°C; Supply Volt age VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2
VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8V
Input High Current
IIH
VIN = VDD
5A
Input Low Current
IIL1
VIN=0 V; Inputs with no pull-up
resistors
-5
uA
Input Low Current
IIL2
VIN=0 V; Inputs with pull-up resistors
-200
uA
Operating
IDD3.3OP66
CL=0 pF; Select@ 66MHz
87
Supply Current
IDD3.3OP100
CL=0 pF; Select@ 100MHz
91
180
mA
IDD3.3OP133
CL=0 pF; Select@ 133MHz
104
Power Down
PD
3.25
5
mA
Input frequency
Fi
VDD = 3.3 V;
12
14.318
16
MHz
Input Capacitance1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD= 3.3 V to 1% target Freq.
3
ms
Skew
1
tCPU-PCI
VT = 50% to 1.5V
1
2.8
4
ns
1 Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com