Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94236 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS94236
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94236 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS94236 Datasheet HTML 3Page - Integrated Circuit Systems ICS94236 Datasheet HTML 4Page - Integrated Circuit Systems ICS94236 Datasheet HTML 5Page - Integrated Circuit Systems ICS94236 Datasheet HTML 6Page - Integrated Circuit Systems ICS94236 Datasheet HTML 7Page - Integrated Circuit Systems ICS94236 Datasheet HTML 8Page - Integrated Circuit Systems ICS94236 Datasheet HTML 9Page - Integrated Circuit Systems ICS94236 Datasheet HTML 10Page - Integrated Circuit Systems ICS94236 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
ICS94236
0451A
—01/10/03
Byte 7: Vendor ID and Revision ID Register
Byte 8: Byte Count and Read Back Register
Notes:
1. PWD = Power on Default
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
0d
e
v
r
e
s
e
R
6
t
i
B
0d
e
v
r
e
s
e
R
5
t
i
B
0d
e
v
r
e
s
e
R
4
t
i
B
0d
e
v
r
e
s
e
R
3
t
i
B
1d
e
v
r
e
s
e
R
2
t
i
B
0d
e
v
r
e
s
e
R
1
t
i
B
0d
e
v
r
e
s
e
R
0
t
i
B
0d
e
v
r
e
s
e
R
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
0D
I
r
o
d
n
e
V
6
t
i
B
0D
I
r
o
d
n
e
V
5
t
i
B
1D
I
r
o
d
n
e
V
4
t
i
B
XD
I
n
o
i
s
i
v
e
R
3
t
i
B
XD
I
n
o
i
s
i
v
e
R
2
t
i
B
XD
I
n
o
i
s
i
v
e
R
1
t
i
B
XD
I
n
o
i
s
i
v
e
R
0
t
i
B
XD
I
n
o
i
s
i
v
e
R
Byte 11: VCO Frequency Control Register
Note: The decimal representation of these 7 bits (Byte 11
[6:0]) + 2 is equal to the REF divider value .
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
X0
t
i
B
r
e
d
i
v
i
D
O
C
V
6
t
i
B
X6
t
i
B
r
e
d
i
v
i
D
F
E
R
5
t
i
B
X5
t
i
B
r
e
d
i
v
i
D
F
E
R
4
t
i
B
X4
t
i
B
r
e
d
i
v
i
D
F
E
R
3
t
i
B
X3
t
i
B
r
e
d
i
v
i
D
F
E
R
2
t
i
B
X2
t
i
B
r
e
d
i
v
i
D
F
E
R
1
t
i
B
X1
t
i
B
r
e
d
i
v
i
D
F
E
R
0
t
i
B
X0
t
i
B
r
e
d
i
v
i
D
F
E
R
Byte 12: VCO Frequency Control Register
Note: The decimal representation of these 9 bits (Byte
12 bit [7:0] & Byte 11 bit [7] ) + 8 is equal to the VCO
divider value. For example if VCO divider value of 36
is desired, user need to program 36 - 8 = 28, namely, 0,
00011100 into byte 12 bit & byte 11 bit 7.
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
X8
t
i
B
r
e
d
i
v
i
D
O
C
V
6
t
i
B
X7
t
i
B
r
e
d
i
v
i
D
O
C
V
5
t
i
B
X6
t
i
B
r
e
d
i
v
i
D
O
C
V
4
t
i
B
X5
t
i
B
r
e
d
i
v
i
D
O
C
V
3
t
i
B
X4
t
i
B
r
e
d
i
v
i
D
O
C
V
2
t
i
B
X3
t
i
B
r
e
d
i
v
i
D
O
C
V
1
t
i
B
X2
t
i
B
r
e
d
i
v
i
D
O
C
V
0
t
i
B
X1
t
i
B
r
e
d
i
v
i
D
O
C
V
Byte 9: Watchdog Timer Count Register
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
e
s
e
h
t
f
o
n
o
i
t
a
t
n
e
s
e
r
p
e
r
l
a
m
i
c
e
d
e
h
T
s
m
1
r
o
s
m
0
9
2
o
t
d
n
o
p
s
e
r
r
o
c
s
t
i
b
8
e
r
o
f
e
b
t
i
a
w
l
l
i
w
r
e
m
i
t
g
o
d
h
c
t
a
w
e
h
t
e
h
t
t
e
s
e
r
d
n
a
e
d
o
m
m
r
a
l
a
o
t
s
e
o
g
t
i
t
l
u
a
f
e
D
.
g
n
i
t
t
e
s
e
f
a
s
e
h
t
o
t
y
c
n
e
u
q
e
r
f
.
s
m
0
9
2
s
i
p
u
r
e
w
o
p
t
a
6
t
i
B0
5
t
i
B0
4
t
i
B0
3
t
i
B0
2
t
i
B0
1
t
i
B0
0
t
i
B0
Note: FS values in bit [0:4] will correspond to Byte 0 FS
values. Default safe frequency is same as 00000
entry in byte0.
Byte 10: VCO Control Selection Bit &
Watchdog Timer Control Register
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
0q
e
r
f
2
1
&
1
1
B
=
1
/
q
e
r
f
0
B
/
w
H
=
0
6
t
i
B
0e
l
b
a
n
e
=
1
/
e
l
b
a
s
i
d
=
0
e
l
b
a
n
E
D
W
5
t
i
B
0m
r
a
l
a
=
1
/
l
a
m
r
o
n
=
0
s
u
t
a
t
S
D
W
4
t
i
B
12
t
i
b
0
e
t
y
B
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
3
t
i
B
03
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
2
t
i
B
02
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
1
t
i
B
01
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
0
t
i
B
00
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com