Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94236 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS94236
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94236 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS94236 Datasheet HTML 8Page - Integrated Circuit Systems ICS94236 Datasheet HTML 9Page - Integrated Circuit Systems ICS94236 Datasheet HTML 10Page - Integrated Circuit Systems ICS94236 Datasheet HTML 11Page - Integrated Circuit Systems ICS94236 Datasheet HTML 12Page - Integrated Circuit Systems ICS94236 Datasheet HTML 13Page - Integrated Circuit Systems ICS94236 Datasheet HTML 14Page - Integrated Circuit Systems ICS94236 Datasheet HTML 15Page - Integrated Circuit Systems ICS94236 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
ICS94236
0451A
—01/10/03
Electrical Characteristics - CPUCLK (Push-Pull)
TA = 0 - 70
°C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
VO = VDD*0.5
10
20
Output Impedance
1
RDSN2B
VO = VDD*0.5
10
20
Output High Voltage
VOH2B
IOH = -12mA
2V
Output Low Voltage
VOL2B
IOL = 12mA
0.4V
Output High Current
IOH2B
VOH = 1.7 V
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
mA
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.2
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.1
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25V
45
46.9
55%
Skew Window
tsk2B
VT = 1.25V
142
375
ps
Jitter, Cycle-to-cycle1
tjcyc-cyc2B
VT = 1.25V
177
250
ps
1 - Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK_F, PCICLK(0:4)
TA = 0 - 70
°C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -11 mA
2.6V
Output Low Voltage
VOL5
IOL = 9.4 mA
0.4V
Output High Current
IOH5
VOH = 2.0 V
-16
mA
Output Low Current
IOL5
VOL = 0.8 V
19
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.8
2.3
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2
2.3
ns
Duty Cycle
1
dt5
VT = 1.5V
45
51.7
55%
Skew
1 (window)
Tsk
1
VT = 1.5V
108
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.5V
223
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com