Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94236 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS94236
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94236 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS94236 Datasheet HTML 2Page - Integrated Circuit Systems ICS94236 Datasheet HTML 3Page - Integrated Circuit Systems ICS94236 Datasheet HTML 4Page - Integrated Circuit Systems ICS94236 Datasheet HTML 5Page - Integrated Circuit Systems ICS94236 Datasheet HTML 6Page - Integrated Circuit Systems ICS94236 Datasheet HTML 7Page - Integrated Circuit Systems ICS94236 Datasheet HTML 8Page - Integrated Circuit Systems ICS94236 Datasheet HTML 9Page - Integrated Circuit Systems ICS94236 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
ICS94236
0451A
—01/10/03
Byte 1: CPU, Active/Inactive Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B
-
X#
2
S
F
6
t
i
B6
4
1K
L
C
U
P
C
5
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
4
t
i
B
-
X#
3
S
F
3
t
i
B0
4
1T
U
O
_
M
A
R
D
S
2
t
i
B
-
X#
)
#
8
4
_
4
2
L
E
S
(
1
t
i
B4
4
,
3
41
h
t
o
b
(
e
l
b
a
n
e
0
K
L
C
U
P
C
d
n
a
"
e
u
r
T
"
.
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
)
"
y
r
a
t
n
e
m
i
l
p
m
o
C
0
t
i
B
-
1*
)
d
e
v
r
e
s
e
R
(
Byte 2: PCI, Active/Inactive Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B
-
X#
0
S
F
6
t
i
B
7
1F
_
K
L
C
I
C
P
5
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
4
t
i
B3
1
14
K
L
C
I
C
P
3
t
i
B2
1
13
K
L
C
I
C
P
2
t
i
B1
1
12
K
L
C
I
C
P
1
t
i
B0
1
11
K
L
C
I
C
P
0
t
i
B
8
10
K
L
C
I
C
P
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
2. Latched Frequency Selects (FS#) will be inverted logic
load of the input frequency select pin conditions.
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B8
2
17
M
A
R
D
S
6
t
i
B9
2
16
M
A
R
D
S
5
t
i
B1
3
15
M
A
R
D
S
4
t
i
B2
3
14
M
A
R
D
S
3
t
i
B4
3
13
M
A
R
D
S
2
t
i
B5
3
12
M
A
R
D
S
1
t
i
B7
3
11
M
A
R
D
S
0
t
i
B8
3
10
M
A
R
D
S
Byte 4: SDRAM , Active/Inactive Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
6
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
5
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
4
t
i
B
-
Xe
d
o
M
3
t
i
B
-
X#
1
S
F
2
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
1
t
i
B8
4
11
F
E
R
0
t
i
B
2
10
F
E
R
Byte 5: Peripheral , Active/Inactive Register
(1= enable, 0 = disable)
Byte 3: SDRAM, Active/Inactive Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B
-
0)
e
t
o
N
(
d
e
v
r
e
s
e
R
6
t
i
B
-
0)
e
t
o
N
(
d
e
v
r
e
s
e
R
5
t
i
B
-
0)
e
t
o
N
(
d
e
v
r
e
s
e
R
4
t
i
B
-
0)
e
t
o
N
(
d
e
v
r
e
s
e
R
3
t
i
B
-
0)
e
t
o
N
(
d
e
v
r
e
s
e
R
2
t
i
B
-
1)
e
t
o
N
(
d
e
v
r
e
s
e
R
1
t
i
B
-
1)
e
t
o
N
(
d
e
v
r
e
s
e
R
0
t
i
B
-
0)
e
t
o
N
(
d
e
v
r
e
s
e
R
Byte 6: Peripheral , Active/Inactive Register
(1= enable, 0 = disable)
Note: Don
’t write into this register, writing into this
register can cause malfunction
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
6
t
i
B
-
1)
d
e
v
r
e
s
e
R
(
5
t
i
B6
2
1z
H
M
8
4
4
t
i
B5
2
1z
H
M
8
4
_
4
2
3
t
i
B7
1
11
1
M
A
R
D
S
2
t
i
B8
1
10
1
M
A
R
D
S
1
t
i
B0
2
19
M
A
R
D
S
0
t
i
B1
2
18
M
A
R
D
S
Note:
* It is recommended to drive this bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com