Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94236 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS94236
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94236 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS94236 Datasheet HTML 1Page - Integrated Circuit Systems ICS94236 Datasheet HTML 2Page - Integrated Circuit Systems ICS94236 Datasheet HTML 3Page - Integrated Circuit Systems ICS94236 Datasheet HTML 4Page - Integrated Circuit Systems ICS94236 Datasheet HTML 5Page - Integrated Circuit Systems ICS94236 Datasheet HTML 6Page - Integrated Circuit Systems ICS94236 Datasheet HTML 7Page - Integrated Circuit Systems ICS94236 Datasheet HTML 8Page - Integrated Circuit Systems ICS94236 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
ICS94236
0451A
—01/10/03
General I
2C serial interface information for the ICS94236
How to Write:
• Controller (host) sends a start bit.
• Controller (host) sends the write address D2
(H)
• ICS clock will acknowledge
• Controller (host) sends a dummy command code
• ICS clock will acknowledge
• Controller (host) sends a dummy byte count
• ICS clock will acknowledge
• Controller (host) starts sending Byte 0 through Byte 20
(see Note)
• ICS clock will acknowledge each byte one at a time
• Controller (host) sends a Stop bit
How to Read:
• Controller (host) will send start bit.
• Controller (host) sends the read address D3
(H)
• ICS clock will acknowledge
• ICS clock will send the byte count
• Controller (host) acknowledges
• ICS clock sends Byte 0 through byte 8 (default)
• ICS clock sends Byte 0 through byte X (if X
(H) was
written to byte 8).
• Controller (host) will need to acknowledge each byte
• Controller (host) will send a stop bit
*See notes on the following page.
Controller (Host)
ICS (Slave/Receiver)
Start Bit
Address D2(H)
Dummy Command Code
Dummy Byte Count
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 18
Byte 19
Byte 20
Stop Bit
How to Write:
Controlle r (Host)
ICS (Sla ve /Re ce ive r)
Start Bit
Address D3(H)
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
If 7H has been written to B8
ACK
If 12H has been written to B8
ACK
If 13H has been written to B8
ACK
If 14H has been written to B8
ACK
Stop Bit
How to Read:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com