Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94236 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS94236
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94236 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS94236 Datasheet HTML 1Page - Integrated Circuit Systems ICS94236 Datasheet HTML 2Page - Integrated Circuit Systems ICS94236 Datasheet HTML 3Page - Integrated Circuit Systems ICS94236 Datasheet HTML 4Page - Integrated Circuit Systems ICS94236 Datasheet HTML 5Page - Integrated Circuit Systems ICS94236 Datasheet HTML 6Page - Integrated Circuit Systems ICS94236 Datasheet HTML 7Page - Integrated Circuit Systems ICS94236 Datasheet HTML 8Page - Integrated Circuit Systems ICS94236 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
ICS94236
0451A
—01/10/03
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Note: Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
t
i
B
n
o
i
t
p
i
r
c
s
e
D
D
W
P
t
i
B
)
4
:
7
,
2
(
2
t
i
B
4
S
F
7
t
i
B
3
S
F
6
t
i
B
2
S
F
5
t
i
B
1
S
F
4
t
i
B
0
S
F
K
L
C
U
P
C
z
H
M
K
L
C
I
C
P
z
H
M
%
d
a
e
r
p
S
1
e
t
o
N
0
0
0
0
00
0
.
5
97
6
.
1
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
0
0
0
10
0
.
0
0
13
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
0
0
1
00
0
.
2
0
10
0
.
4
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
0
0
1
10
0
.
5
0
10
0
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
0
1
0
00
0
.
0
1
17
6
.
6
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
0
1
0
10
0
.
3
1
17
6
.
7
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
0
11
00
0
.
5
1
13
3
.
8
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
0
1
1
10
0
.
0
2
10
0
.
0
4d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
0
0
03
3
.
3
3
13
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
0
0
10
0
.
5
3
15
7
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
0
1
00
0
.
7
3
15
2
.
4
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
0
1
10
0
.
9
3
15
7
.
4
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
1
0
00
0
.
1
4
15
2
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
1
0
10
0
.
3
4
15
7
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
11
00
0
.
5
4
15
2
.
6
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
0
1
1
1
10
0
.
0
5
10
5
.
7
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
0
0
0
00
9
.
0
0
13
6
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
0
0
0
10
0
.
0
0
13
3
.
3
3d
a
e
r
p
s
%
7
.
0
-
o
t
0
1
0
0
1
00
0
.
3
0
13
3
.
4
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
0
0
1
10
0
.
7
0
17
6
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
0
1
0
00
0
.
7
1
10
0
.
9
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
0
1
0
10
0
.
0
2
10
0
.
0
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
0
1
1
00
0
.
3
2
15
7
.
0
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
0
1
1
10
0
.
5
2
15
2
.
1
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
1
0
0
03
3
.
3
3
13
3
.
3
3d
a
e
r
p
s
%
7
.
0
-
o
t
0
1
1
0
0
10
9
.
3
3
18
4
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
1
0
1
00
0
.
7
4
15
7
.
6
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
1
0
1
10
0
.
1
5
15
7
.
7
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
1
1
0
00
0
.
3
5
15
2
.
8
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
1
1
0
10
0
.
5
5
15
7
.
8
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
1
1
1
00
0
.
0
6
10
0
.
0
4d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
1
1
1
1
10
0
.
0
0
20
0
.
0
5d
a
e
r
p
S
r
e
t
n
e
C
%
5
4
.
0
3
t
i
B
s
t
u
p
n
i
d
e
h
c
t
a
l
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
7
,
2
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
e
l
b
a
n
e
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
-
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com