Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94236 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94236
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94236 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94236 Datasheet HTML 1Page - Integrated Circuit Systems ICS94236 Datasheet HTML 2Page - Integrated Circuit Systems ICS94236 Datasheet HTML 3Page - Integrated Circuit Systems ICS94236 Datasheet HTML 4Page - Integrated Circuit Systems ICS94236 Datasheet HTML 5Page - Integrated Circuit Systems ICS94236 Datasheet HTML 6Page - Integrated Circuit Systems ICS94236 Datasheet HTML 7Page - Integrated Circuit Systems ICS94236 Datasheet HTML 8Page - Integrated Circuit Systems ICS94236 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS94236
0451A
—01/10/03
Block Diagram
Functionality
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
VIA KX/KT133 style chipset
Output Features:
1 - Differential pair open drain CPU clocks
1 - CPU clock @ 3.3V
13 - SDRAM @ 3.3V
6 - PCI @3.3V,
1 - 48MHz, @3.3V fixed.
1 - 24/48MHz @ 3.3V
2 - REF @3.3V, 14.318MHz.
Features:
Programmable ouput frequency.
Programmable ouput rise/fall time.
Programmable PCI_F and PCICLK skew.
Spread spectrum for EMI control typically
by 7dB to 8dB,
with programmable spread percentage.
Watchdog timer technology to reset system
if over-clocking causes malfunction.
Uses external 14.318MHz crystal.
FS pins for frequency select
Programmable System Clock Chip for AMD - K7
™ processor
*
Internal Pull-up Resistor of 120K to VDD.
**
Internal Pull-down Resistor of 120K to GND.
1
Internal Pull-down Resistor of 60K to GND.
VDDREF
REF0
GND
X1
X2
VDDPCI
FS4/PCICLK_F
**FS3/PCICLK0
GND
*SEL24_48#/PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDDPCI
BUFFER IN
GND
SDRAM11
SDRAM10
VDDSDR
SDRAM9
SDRAM8
GND
SDATA
SCLK
1
REF1/FS2**
GND
CPUCLK
GND
CPUCLKC0
CPUCLKT0
VDDCPU
PD#*
SDRAM_OUT
GND
SDRAM0
SDRAM1
VDDSDR
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
VDD48
48MHz/FS0*
24/48MHz/FS1**
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
0
0
0
00
0
.
5
97
6
.
1
3
0
0
0
10
0
.
0
0
13
3
.
3
3
0
0
1
00
0
.
2
0
10
0
.
4
3
0
0
1
10
0
.
5
0
10
0
.
5
3
0
1
0
00
0
.
0
1
17
6
.
6
3
0
1
0
10
0
.
3
1
17
6
.
7
3
0
1
1
00
0
.
5
1
13
3
.
8
3
0
1
1
10
0
.
0
2
10
0
.
0
4
1
0
0
03
3
.
3
3
13
3
.
3
3
1
0
0
10
0
.
5
3
15
7
.
3
3
1
0
1
00
0
.
7
3
15
2
.
4
3
1
0
1
10
0
.
9
3
15
7
.
4
3
1
1
0
00
0
.
1
4
15
2
.
5
3
1
1
0
10
0
.
3
4
15
7
.
5
3
1
1
1
00
0
.
5
4
15
2
.
6
3
1
1
1
10
0
.
0
5
10
5
.
7
3
SEL24_48#
BUFFER IN
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
SDRAM (11:0)
PCICLK (4:0)
PCICLK_F
SDRAM_OUT
CPUCLKT0
CPUCLK
CPUCLKC0
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
SDATA
SCLK
FS (4:0)
PD#
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
SDRAM
DRIVER
* 16 additional frequency selectables via FS4, refer to page5
for frequency table.


Similar Part No. - ICS94236

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94235YFT ICST-ICS94235YFT Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94235YGT ICST-ICS94235YGT Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
More results

Similar Description - ICS94236

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com