Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Functional description
VL53L1
12/39
DocID029631 Rev 12
2.8
Power sequence
2.8.1
Power-up and boot sequence
There are two options available for device power-up/boot.
Option 1: the XSHUT pin is connected and controlled from the host.
This option optimizes power consumption as the VL53L1 can be completely powered off
when not used, and then woken up through the host GPIO (using the XSHUT pin).
HW standby mode is defined as the period when AVDD is present and XSHUT is low.
Figure 6. Power-up and boot sequence
1. tBOOT is 1.2ms max.
Option 2: the XSHUT pin is not controlled by the host, it is tied to AVDD through the pull-up
resistor.
When the XSHUT pin is not controlled, the power-up sequence is presented in Figure 7. In
this case, the device goes automatically to SW STANDBY after FW BOOT, without entering
HW STANDBY.
Figure 7. Power-up and boot sequence with XSHUT not controlled
1. tBOOT is 1.2 ms max.
Note:
In all cases, XSHUT has to be raised only when AVDD is tied on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com