Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 29Page - STMicroelectronics VL53L1 Datasheet HTML 30Page - STMicroelectronics VL53L1 Datasheet HTML 31Page - STMicroelectronics VL53L1 Datasheet HTML 32Page - STMicroelectronics VL53L1 Datasheet HTML 33Page - STMicroelectronics VL53L1 Datasheet HTML 34Page - STMicroelectronics VL53L1 Datasheet HTML 35Page - STMicroelectronics VL53L1 Datasheet HTML 36Page - STMicroelectronics VL53L1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
DocID029631 Rev 12
33/39
VL53L1
Packaging and labeling
39
8.5
Pb-free solder reflow process
Figure 23 and Table shows the recommended and maximum values for the solder profile.
Customers have to tune the reflow profile depending on the PCB, solder paste and material
used. We expect customers to follow the “recommended” reflow profile, which is specifically
tuned for VL53L1 package.
For any reason, if a customer must perform a reflow profile which is different from the
“recommended” one (especially peak >240 °C), this new profile must be qualified by the
customer at their own risk. In any case, the profile have to be within the “maximum” profile
limit described in Table 19.
Figure 23. Solder profile
Note:
Temperature mentioned in Table 19 is measured at the top of the VL53L1 package.
Note:
The component should be limited to a maximum of three passes through this solder profile.
Note:
As the VL53L1 package is not sealed, only a dry reflow process should be used (such as
convection reflow). Vapor phase reflow is not suitable for the VL53L1 because it is an optical
component. Consequently, the VL53L1 should be treated carefully. This would typically
include using a ‘no-wash’ assembly process.
Table 19. Recommended solder profile
Parameters
Recommended
Maximum
Units
Minimum temperature (TS min)
Maximum temperature (TS max)
Time ts (TS min to TS max)
130
200
90-110
150
200
60 - 120
°C
°C
s
Temperature (TL)
Time (tL)
Ramp up
217
55-65
2
217
55 - 65
3
°C
s
°C/s
Temperature (Tp-10)
Time (tp-10)
Ramp up
-
-
-
235
10
3
°C
s
°C/s
Peak temperature (Tp)
240
245
°C
Time to peak
300
300
s
Ramp down (peak to TL)-4
-6
°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com