Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 31Page - STMicroelectronics VL53L1 Datasheet HTML 32Page - STMicroelectronics VL53L1 Datasheet HTML 33Page - STMicroelectronics VL53L1 Datasheet HTML 34Page - STMicroelectronics VL53L1 Datasheet HTML 35Page - STMicroelectronics VL53L1 Datasheet HTML 36Page - STMicroelectronics VL53L1 Datasheet HTML 37Page - STMicroelectronics VL53L1 Datasheet HTML 38Page - STMicroelectronics VL53L1 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
DocID029631 Rev 12
37/39
VL53L1
Revision history
39
12
Revision history
Table 23. Document revision history
Date
Revision
Changes
14 Apr 2017
1
Initial release
28-Apr-2017
2
Document status updated to “production data”.
Added:
Section 5.2: Minimum ranging distance
Section 5.3: Ranging and Scanning modes: multi object
detection
Section 8.4: Tape outline drawing
Modified
Section 2.8.1: Power-up and boot sequence: added a note on
XSHUT pin.
09-Jun-2017
3
Removed “preliminary” from Section 5: Ranging
performances.
Updated: Table 16: Ranging and Scanning modes:
performance with partial FoV, Table 17: Lite mode:
performances with full FoV, and Table 18: Autonomous mode:
performances with full FoV.
08-Dec-2017
4
Updated Table 7: Reference registers
Section 8.5: Pb-free solder reflow process: added note about
reflow process needed for the VL53L1.
29-Nov-2018
5
Replaced Figure 5: Firmware state machine
Section 2.5: Description of operating “preset” modes:
removed some information about “timing budgets”.
Table 5: updated units of tBUF parameter
Table 6: updated units of tBUF parameter and updated
maximum values of tR and tR.
Section 5.1: Measurement conditions: updated detection rate
from 100 % to 94 %.
Section 5.4: Ranging and Scanning modes: full FoV
performance: small text change (of to and).
Section 5.5.2: Partial FoV performances: small text change
(of to and), added “offset” to first note.
Replaced Figure 19: Outline drawing (page 3/3
Section 7: Laser safety considerations: updated text
concerning laser output limits in Class 1.
20-Mar-2020
6
Document status no longer confidential
15-Dec-2020
7
Updated metadata
13-Apr-2021
8
Fixed issues with Figure 2: VL53L1 pinout (bottom view),
Figure 3: VL53L1 schematic, and Figure 4: VL53L1 system
functional description
14-Apr-2021
9
Updated metadata
12-Oct-2021
10
Section 3: Control interface: replaced “camera module” with
“Time-of-Flight” sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com