Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics VL53L1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Control interface
VL53L1
14/39
DocID029631 Rev 12
3
Control interface
This section specifies the control interface. The I2C interface uses two signals: serial data
line (SDA) and serial clock line (SCL). Each device connected to the bus uses a unique
address and a simple master / slave relationships exists.
Both SDA and SCL lines are connected to a positive supply voltage using pull-up resistors
located on the host. Lines are only actively driven low. A high condition occurs when lines
are floating and the pull-up resistors pull lines up. When no data is transmitted both lines are
high.
Clock signal (SCL) generation is performed by the master device. The master device
initiates data transfer. The I2C bus on the VL53L1 has a maximum speed of 1 Mbits/s and
uses a device address of 0x52.
Figure 9. Data transfer protocol
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit, Ac for
VL53L1 acknowledge and Am for master acknowledge (host bus master). The internal data
is produced by sampling SDA at a rising edge of SCL. The external data must be stable
during the high period of SCL. The exceptions to this are start (S) or stop (P) conditions
when SDA falls or rises respectively, while SCL is high.
A message contains a series of bytes preceded by a start condition and followed by either a
stop or repeated start (another start condition but without a preceding stop condition)
followed by another message. The first byte contains the device address (0x52) and also
specifies the data direction. If the least significant bit is low (that is, 0x52) the message is a
master-write-to-the-slave. If the lsb is set (that is, 0x53) then the message is a master-read-
from-the-slave.
Figure 10. VL53L1 I2C device address: 0x52
All serial interface communications with the Time-of-Flight sensor must begin with a start
condition. The VL53L1 module acknowledges the receipt of a valid address by driving the
SDA wire low. The state of the read/write bit (lsb of the address byte) is stored and the next
byte of data, sampled from SDA, can be interpreted. During a write sequence, the second
byte received provides a 16-bit index which points to one of the internal 8-bit registers.
12
7
8
Ac/Am
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
56
Address or data byte
MSB
LSB
MSBit
LSBit
01
01
00
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com