Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 18Page - STMicroelectronics VL53L1 Datasheet HTML 19Page - STMicroelectronics VL53L1 Datasheet HTML 20Page - STMicroelectronics VL53L1 Datasheet HTML 21Page - STMicroelectronics VL53L1 Datasheet HTML 22Page - STMicroelectronics VL53L1 Datasheet HTML 23Page - STMicroelectronics VL53L1 Datasheet HTML 24Page - STMicroelectronics VL53L1 Datasheet HTML 25Page - STMicroelectronics VL53L1 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Ranging performances
VL53L1
22/39
DocID029631 Rev 12
5
Ranging performances
5.1
Measurement conditions
In all measurement tables of the document, it is considered that:
1.
The full field of view (FoV) is covered (typically 27°) or a partial FoV is covered after a
specific ROI definition by the user (array size from 4x4 SPADs to 16x16 SPADs).
2.
Charts used as targets are: grey (17% reflectance, N4.74 Munsell) and white (88%
reflectance N9.5 Munsell).
3.
Nominal voltage (2.8 V) and temperature (23°C).
4.
Unless mentioned, the device is controlled through the driver using the default settings
(refer to the user manual for driver settings description).
5.
Detection rate is considered as 94%.
6.
Indoor (no IR) means there is no contribution of light in the band 940 nm ± 30 nm.
Outdoor overcast conditions means an illumination level of 0.7 W/m² back on the
sensor, in the band 940 nm ± 30 nm.
7.
No coverglass is present
8.
A gain correction is available in the driver. The performance assumes average gain
correction has been applied
5.2
Minimum ranging distance
The minimum ranging distance guaranteed is 4 cm. This is valid for all modes (ranging,
scanning, lite, and autonomous)
5.3
Ranging and Scanning modes: multi object detection
Thanks to direct time of flight principle and ST patents, the VL53L1 is able to detect up to
4 objects in the FoV.
The typical depth separation between objects has to be at least 80 cm.
5.4
Ranging and Scanning modes: full FoV performance
With default software driver settings, performances with full field of view (grey and white
targets) with 16 ms timing budget are provided in Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com