Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics VL53L1 Datasheet HTML 18Page - STMicroelectronics VL53L1 Datasheet HTML 19Page - STMicroelectronics VL53L1 Datasheet HTML 20Page - STMicroelectronics VL53L1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
DocID029631 Rev 12
17/39
VL53L1
Control interface
39
Figure 15. I2C timing characteristics
All timings are measured from either VIL or VIH.
Table 6. I2C interface - timing characteristics for Fast mode (400 kHz)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
-
400
kHz
tLOW
Clock pulse width low
1.3
-
-
s
tHIGH
Clock pulse width high
0.6
-
-
tSP
Pulse width of spikes which are suppressed
by the input filter
--
50
ns
tBUF
Bus free time between transmissions
1.3
-
-
µs
tHD.STA
Start hold time
0.26
-
-
s
tSU.STA
Start set-up time
0.26
-
-
tHD.DAT
Data in hold time
0
-
0.9
tSU.DAT
Data in set-up time
50
-
-
ns
tR
SCL/SDA rise time
-
-
300
tF
SCL/SDA fall time
-
-
300
tSU.STO
Stop set-up time
0.6
-
-
s
Ci/o
Input/output capacitance (SDA)
-
-
10
pF
Cin
Input capacitance (SCL)
-
-
4
CL
Load capacitance
-
125
400
SDA
SCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start
VIH
VIL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com