Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4CD Datasheet(PDF) 9 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 5Page - STMicroelectronics VL53L4CD Datasheet HTML 6Page - STMicroelectronics VL53L4CD Datasheet HTML 7Page - STMicroelectronics VL53L4CD Datasheet HTML 8Page - STMicroelectronics VL53L4CD Datasheet HTML 9Page - STMicroelectronics VL53L4CD Datasheet HTML 10Page - STMicroelectronics VL53L4CD Datasheet HTML 11Page - STMicroelectronics VL53L4CD Datasheet HTML 12Page - STMicroelectronics VL53L4CD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
2.6
Reading the results
The software driver provides turnkey functions to read output results after the measurement:
Signal rate
Ranging distance
Measurement status
A full description is provided in the VL53L4CD Ultra Lite Driver user manual (UM2931).
2.7
Power sequence
There are two options available for device power up and boot sequence.
Note:
In all cases, XSHUT has to be raised only when AVDD is tied on.
Option 1
The XSHUT pin is connected and controlled from the host.
This option optimizes power consumption as the device can be completely powered off when not used, and then
woken up through the host (using the XSHUT pin).
HW Standby mode is the period when AVDD is present and XSHUT is low.
Figure 6. Power up and boot sequence
Note:
tBOOT is 1.2 ms maximum.
Option 2
The XSHUT pin is not controlled by the host; it is tied to AVDD through the pull up resistor.
When the XSHUT pin is not controlled, the power-up sequence is presented in the following figure. In this case,
the device goes automatically to SW STANDBY after FW BOOT, without entering HW STANDBY.
Figure 7. Power up and boot sequence with XSHUT not controlled
Note:
tBOOT is 1.2 ms maximum.
VL53L4CD
Reading the results
DS13812 - Rev 5
page 9/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com