Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4CD Datasheet(PDF) 11 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 7Page - STMicroelectronics VL53L4CD Datasheet HTML 8Page - STMicroelectronics VL53L4CD Datasheet HTML 9Page - STMicroelectronics VL53L4CD Datasheet HTML 10Page - STMicroelectronics VL53L4CD Datasheet HTML 11Page - STMicroelectronics VL53L4CD Datasheet HTML 12Page - STMicroelectronics VL53L4CD Datasheet HTML 13Page - STMicroelectronics VL53L4CD Datasheet HTML 14Page - STMicroelectronics VL53L4CD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
3
Control interface
This section specifies the control interface. The I²C interface uses two signals: serial data line (SDA) and serial
clock line (SCL). Each device connected to the bus uses a unique address and a simple master/slave relationship
exists.
Both SDA and SCL lines are connected to a positive supply voltage using pull-up resistors located on the host.
Lines are only actively driven low. A high condition occurs when lines are floating and the pull-up resistors pull
lines up. When no data is transmitted both lines are high.
Clock signal generation is performed by the master device. The master device initiates data transfer. The I²C bus
has a maximum speed of 1 Mbits/s and uses a default device address of 0x52.
Figure 9. Data transfer protocol
1
2
7
8
Ac/Am
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
5
6
Address or data byte
MSB
LSB
Information is packed in 8-bit packets (bytes) and is always followed by an acknowledge bit, Ac for VL53L4CD
acknowledge and Am for master acknowledge (host bus master). The internal data is produced by sampling SDA
at a rising edge of SCL. The external data must be stable during the high period of SCL. The exceptions to this
are start (S) or stop (P) conditions when SDA falls or rises respectively, while SCL is high.
A message contains a series of bytes preceded by a start condition, and followed by either a stop or repeated
start (another start condition but without a preceding stop condition), followed by another message. The first byte
contains the device address (0x52) and also specifies the data direction. If the least significant bit is low (that
is, 0x52) the message is a master-write-to-the-slave. If the LSB is set (that is, 0x53) then the message is a
master-read-from-the-slave.
Figure 10. I²C device address: 0x52
MSBit
LSBit
0
1
0
1
0
0
1
R/W
All serial interface communications with the Time-of-Flight sensor must begin with a start condition. The
VL53L4CD module acknowledges the receipt of a valid address by driving the SDA wire low. The state of
the read/write bit (LSB of the address byte) is stored and the next byte of data, sampled from SDA, can be
interpreted. During a write sequence, the second byte received provides a 16-bit index which points to one of the
internal 8-bit registers.
VL53L4CD
Control interface
DS13812 - Rev 5
page 11/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com