Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4CD Datasheet(PDF) 25 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 21Page - STMicroelectronics VL53L4CD Datasheet HTML 22Page - STMicroelectronics VL53L4CD Datasheet HTML 23Page - STMicroelectronics VL53L4CD Datasheet HTML 24Page - STMicroelectronics VL53L4CD Datasheet HTML 25Page - STMicroelectronics VL53L4CD Datasheet HTML 26Page - STMicroelectronics VL53L4CD Datasheet HTML 27Page - STMicroelectronics VL53L4CD Datasheet HTML 28Page - STMicroelectronics VL53L4CD Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
7
Field of view (FoV) and field of illumination (FoI)
The Rx (or collector) exclusion zone includes all module assembly tolerances and is used to define the cover
window dimensions. The cover window opening must be equal to or wider than the exclusion zone.
The detection volume represents the applicative or system FoV in which a target is detected, and a distance
measured. It is determined by the Rx lens or the Rx aperture, and is narrower than the exclusion zone.
Figure 21. System FoV and exclusion zone description (not to scale)
Table 16. FoV angles
Setting
Target at 100 mm (white 88%)
Target at 1000 mm (white 88%)
Detection volume (°)
22°
18°
Collector exclusion cone (°)
25°
25°
Note:
Detection volume depends on the environment and sensor configuration as well as target distance, reflectance,
ambient light level, sensor timing budget, distance mode, and tuning parameters.
Note:
The detection volume of Table 16. FoV angles has been measured with a white 88% reflectance perpendicular
target in full FoV, located at 100 mm and 1000 mm from the sensor, without ambient light (dark conditions),
using the default driver configuration.
The VCSEL FoI is shown in the figure below. The X-axis is 16° and the Y-axis is 16° (1/e²).
Figure 22. VL53L4CD FoI
VL53L4CD
Field of view (FoV) and field of illumination (FoI)
DS13812 - Rev 5
page 25/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com