Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4CD Datasheet(PDF) 34 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 29Page - STMicroelectronics VL53L4CD Datasheet HTML 30Page - STMicroelectronics VL53L4CD Datasheet HTML 31Page - STMicroelectronics VL53L4CD Datasheet HTML 32Page - STMicroelectronics VL53L4CD Datasheet HTML 33Page - STMicroelectronics VL53L4CD Datasheet HTML 34Page - STMicroelectronics VL53L4CD Datasheet HTML 35Page - STMicroelectronics VL53L4CD Datasheet HTML 36Page - STMicroelectronics VL53L4CD Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Revision history
Table 20. Document revision history
Date
Version
Changes
15-Oct-2021
1
Initial release
29-Oct-2021
2
Correct the Active Ranging values in Section 4.4 Current consumption
Update Figure 16. Ranging accuracy vs. distance
03-Jan-2022
3
Modify the FoV range from 1200 mm to 1300 mm in Section Features and
Section Description
21-Mar-2022
4
Update Figure 24. Tape outline drawing
29-Jun-2022
5
Updated Figure 13. Data format (sequential write)
VL53L4CD
DS13812 - Rev 5
page 34/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com