Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4CD Datasheet(PDF) 29 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 25Page - STMicroelectronics VL53L4CD Datasheet HTML 26Page - STMicroelectronics VL53L4CD Datasheet HTML 27Page - STMicroelectronics VL53L4CD Datasheet HTML 28Page - STMicroelectronics VL53L4CD Datasheet HTML 29Page - STMicroelectronics VL53L4CD Datasheet HTML 30Page - STMicroelectronics VL53L4CD Datasheet HTML 31Page - STMicroelectronics VL53L4CD Datasheet HTML 32Page - STMicroelectronics VL53L4CD Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
9.5
Pb-free solder reflow process
Table 17. Recommended solder profile and Figure 25. Solder profile show the recommended and maximum
values for the solder profile.
Customers have to tune the reflow profile depending on the PCB, solder paste and material used. We expect
customers to follow the recommended reflow profile, which is specifically tuned for package.
For any reason, if a customer must perform a reflow profile which is different from the recommended one
(especially peak >240°C), this new profile must be qualified by the customer at their own risk. In any case, the
profile must be within the “maximum” profile limit described in the following table.
Note:
Temperature mentioned in the following table are measured at the top of the package.
Table 17. Recommended solder profile
Parameters
Recommended
Maximum
Unit
Minimum temperature (TS min)
130
150
°C
Maximum temperature (TS max)
200
200
Time ts (TS min to TS max)
90-110
60-120
s
Temperature (TL)
217
217
°C
Time (tL)
55-65
55-65
s
Ramp up
2
3
°C/s
Temperature (Tp-10)
-
250
°C
Time (tp-10)
10
s
Ramp up
3
°C/s
Peak temperature (Tp)
240
260 max
°C
Time to peak
30
300
s
Ramp down (peak to Tl)
-4
-6
°C/s
Figure 25. Solder profile
Note:
The component should be limited to a maximum of three passes through this solder profile.
Note:
As the VL53L4CD package is not sealed, only a dry reflow process should be used (such as convection reflow).
Vapor phase reflow is not suitable for this type of optical component.
Note:
The VL53L4CD is an optical component and as such, it should be treated carefully. This would typically include
using a ‘no wash’ assembly process.
VL53L4CD
Pb-free solder reflow process
DS13812 - Rev 5
page 29/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com