Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4CD Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 15Page - STMicroelectronics VL53L4CD Datasheet HTML 16Page - STMicroelectronics VL53L4CD Datasheet HTML 17Page - STMicroelectronics VL53L4CD Datasheet HTML 18Page - STMicroelectronics VL53L4CD Datasheet HTML 19Page - STMicroelectronics VL53L4CD Datasheet HTML 20Page - STMicroelectronics VL53L4CD Datasheet HTML 21Page - STMicroelectronics VL53L4CD Datasheet HTML 22Page - STMicroelectronics VL53L4CD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
5.4
Ranging accuracy
The figure below illustrates how range accuracy is defined over distance.
Figure 16. Ranging accuracy vs. distance
The ranging accuracy is a direct evaluation of the measurement error, including offset errors and output noise.
At least 90% of the ranging values are within the declared ranges. This quality indicator includes measure-to-
measure and part-to-part dispersion.
Table 15. Typical ranging accuracy with 33 ms timing budget
Target reflectance level, full
FoV
Distance (mm)
Indoor (no infrared)
Outdoor overcast
White target (88%)
1-100
± 7 mm
± 8 mm
101-200
± 8 mm
± 9 mm
>200
± 3%
± 8%
Gray target (17%)
1-100
± 6 mm
± 7 mm
101-200
± 8 mm
± 9 mm
>200
± 4%
± 8%
VL53L4CD
Ranging accuracy
DS13812 - Rev 5
page 19/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com