Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4CD Datasheet(PDF) 17 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 13Page - STMicroelectronics VL53L4CD Datasheet HTML 14Page - STMicroelectronics VL53L4CD Datasheet HTML 15Page - STMicroelectronics VL53L4CD Datasheet HTML 16Page - STMicroelectronics VL53L4CD Datasheet HTML 17Page - STMicroelectronics VL53L4CD Datasheet HTML 18Page - STMicroelectronics VL53L4CD Datasheet HTML 19Page - STMicroelectronics VL53L4CD Datasheet HTML 20Page - STMicroelectronics VL53L4CD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
4.4
Current consumption
Table 12. Power consumption at ambient temperature
All current consumption values include silicon process variations. Temperature and voltage are nominal conditions (23°C and
2v8). All values include AVDD and AVDDVCSEL.
Parameter
Min.
Typ.
Max.
Unit
HW STANDBY
3
5
7
μA
SW STANDBY
4
6
9
Active ranging average consumption
(including VCSEL) (1) (2)
22
24
mA
1. Active ranging is an average value, measured using default driver settings.
2. Peak current (including VCSEL) can reach 40 mA
4.5
Digital input and output
Table 13. Digital I/O electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Interrupt pin (GPIO1)
VIL
Low level input voltage
0.3 IOVDD
V
VIH
High level input voltage
0.7 IOVDD
VOL
Low level output voltage (IOUT = 4
mA)
0.4
VOH
High level output voltage (IOUT = 4
mA)
IOVDD-0.4
FGPIO
Operating frequency (CLOAD = 20
pF)
0
108
MHz
I2C interface (SDA/SCL)
VIL
Low level input voltage
-0.5
0.6
V
VIH
High level input voltage
1.12
IOVDD+0.5
VOL
Low level output voltage
(IOUT = 4 mA)
0.4
IIL/IH
Leakage current (1)
10
Leakage current (2)
0.15
μA
1. AVDD = 0 V
2. AVDD = 2.85 V; I/O voltage = 1.8 V
VL53L4CD
Current consumption
DS13812 - Rev 5
page 17/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com