Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2050H Datasheet(PDF) 7 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button IPS2050H Datasheet HTML 3Page - STMicroelectronics IPS2050H Datasheet HTML 4Page - STMicroelectronics IPS2050H Datasheet HTML 5Page - STMicroelectronics IPS2050H Datasheet HTML 6Page - STMicroelectronics IPS2050H Datasheet HTML 7Page - STMicroelectronics IPS2050H Datasheet HTML 8Page - STMicroelectronics IPS2050H Datasheet HTML 9Page - STMicroelectronics IPS2050H Datasheet HTML 10Page - STMicroelectronics IPS2050H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Figure 3. Timing
tr
VOUT
10%
90%
80%
tf
t
Vin
50%
VCC
24V
t
t
tPD(L-H)
tPD(H-L)
VOUT
50%
t
VCC = VIN
24V
t
tD(VCCON)
VUVON
Table 7. Input pin (IN1 or IN2)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Input pin low level voltage
-
-
-
0.8
V
VIH
Input pin high level voltage
-
2.2
-
-
V
VI(HYST)
Input pin hysteresis voltage
-
-
0.4
-
V
IIN
Input pin current
VIN = VCC = 36V
-
-
200
µΑ
VIN = VCC = 60V
-
-
600
Table 8. Diagnostic pins (FLT1, FLT2)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IHFLT
Diagnostic pins source current in fault condition.
VFLT = 1 V
(fault condition active)
-2
-3
-4
mA
VFLT = 5 V
(fault condition active)
-0.4
-0.7
-1.0
ILFLT
Diagnostic pins leakage current
Normal operation
VCC = 60 V
-
-
-25
µA
BTFLT
Diagnostic pins blanking time
-
60
-
400
µs
VCLFLT
Diagnostic pins clamp voltage
IFLT = +1 mA
6
6.8
8
V
IFLT = -1 mA
-
-
0.7
IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32
Electrical characteristics
DS13779 - Rev 3
page 7/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com