Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2050H Datasheet(PDF) 12 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button IPS2050H Datasheet HTML 8Page - STMicroelectronics IPS2050H Datasheet HTML 9Page - STMicroelectronics IPS2050H Datasheet HTML 10Page - STMicroelectronics IPS2050H Datasheet HTML 11Page - STMicroelectronics IPS2050H Datasheet HTML 12Page - STMicroelectronics IPS2050H Datasheet HTML 13Page - STMicroelectronics IPS2050H Datasheet HTML 14Page - STMicroelectronics IPS2050H Datasheet HTML 15Page - STMicroelectronics IPS2050H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
7
Protections and diagnostic
The IC integrates several protections to help the design of robust applications.
7.1
Under-voltage lock-out
The IC is turned off if the voltage on VCC pin falls below the turn-off threshold (VUVOFF). Normal operation restarts
after VCC exceeds the turn-on threshold (VUVON). Turn-on and turn-off thresholds are defined in Table 4.
7.2
Over-temperature
The device is protected against overheating in case of overload conditions. During the driving period (when the
MCU is forcing the INX pin high), if the output is overloaded, the device suffers two different thermal stresses, one
related to the junction temperature of each output channel, and the other related to the whole case temperature.
The two thermal faults (Thermal Junction and Thermal Case) have different trigger thresholds: TJSD and TCSD,
respectively.
Usually, in thermal stress conditions due to overload, the junction thermal shutdown is the first protection that
is activated: each output channel (OUTX) is turned off when its junction temperature (TJX) is higher than the
activation threshold (TJSD) and turned back on when it goes below the reset threshold (TJR). This behavior
continues while overload on the output persists. When the thermal protection is active for OUTX, the related FLTX
(current source) becomes active accordingly.
If the thermal protection is active and the temperature of the case (TC) increases over the case protection
threshold (TCSD), then the thermal case protection is activated and the output is switched off until the junction
temperature of each channel in fault and case temperature fall below the respective reset thresholds (TCR and
TJR). The FLTX pins are active even when thermal case events occur.
Figure 7 shows the thermal protection behavior, while Figure 8 and Figure 9 show typical temperature trends and
output vs. input state.
IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32
Protections and diagnostic
DS13779 - Rev 3
page 12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com