Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2050H Datasheet(PDF) 4 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 4 Page - STMicroelectronics

  IPS2050H Datasheet HTML 1Page - STMicroelectronics IPS2050H Datasheet HTML 2Page - STMicroelectronics IPS2050H Datasheet HTML 3Page - STMicroelectronics IPS2050H Datasheet HTML 4Page - STMicroelectronics IPS2050H Datasheet HTML 5Page - STMicroelectronics IPS2050H Datasheet HTML 6Page - STMicroelectronics IPS2050H Datasheet HTML 7Page - STMicroelectronics IPS2050H Datasheet HTML 8Page - STMicroelectronics IPS2050H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
3
Absolute maximum ratings
Absolute maximum ratings are the values beyond which damage to the device may occur. Functional operation
under these conditions is not implied. All voltages are referenced to GND.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 65
V
ICC
Maximum DC reverse current (from GND to VCC)
-250
mA
IOUT
Output stage current
Internally limited
A
-IOUT
Reverse current (from OUT to VCC)
5
A
VIN
IN pin voltage
-0.3 to VCC
V
IIN
IN pin current
-10/+10
mA
VPD
IPD pin voltage
-0.3 to 5.5
V
IPD
IPD pin current
-1/+10
mA
VFAULT
FLT pins voltage
-0.3 to 5.5
V
IFAULT
FLT pins current
-1(1)/+10
mA
EAS
Single pulse avalanche energy, two channels driven simultaneously
(TAMB = 125 °C, VCC = 24 V, IOUT = 2 A)
1.3(2)
J
1.0(3)
J
PTOT
Power Dissipation at TC = 25 °C
Internally limited
W
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Junction Operating Temperature
Internally limited
°C
TC
Case Operating Temperature
-40 to 150
°C
1. intended as worst case when IC is in normal operation (no fault)
2. IPS2050H / IPS2050H-32
3. IPS2050HQ / IPS2050HQ-32
IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32
Absolute maximum ratings
DS13779 - Rev 3
page 4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com