Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2050H Datasheet(PDF) 1 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 1 Page - STMicroelectronics

  IPS2050H Datasheet HTML 1Page - STMicroelectronics IPS2050H Datasheet HTML 2Page - STMicroelectronics IPS2050H Datasheet HTML 3Page - STMicroelectronics IPS2050H Datasheet HTML 4Page - STMicroelectronics IPS2050H Datasheet HTML 5Page - STMicroelectronics IPS2050H Datasheet HTML 6Page - STMicroelectronics IPS2050H Datasheet HTML 7Page - STMicroelectronics IPS2050H Datasheet HTML 8Page - STMicroelectronics IPS2050H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
•
8 V to 60 V operating supply voltage range
•
Operating output current: 2.4 A (IPS2050H/HQ) or 5.6 A (IPS2050H-32/HQ-32)
per channel
•
Smart driving of capacitive load
•
Fast demagnetization of inductive loads
•
Under-voltage lock-out
•
VCC over-voltage protection
•
Per-channel overload and over-temperature protection
•
Case over-temperature protection
•
Ground disconnection protection
•
Per channel overload/over-temperature event diagnostic pins
•
Designed to meet IEC 61000-4-2, IEC 61000-4-4, IEC 61000-4-5
•
Packages: PowerSSO-24 and QFN48L 8x6x0.9 mm
Applications
•
Programmable logic control
•
Vending machines
•
Industrial PC peripheral input/output
•
Numerical control machines
•
General high-side switch applications
Description
The IPS2050H/HQ and IPS2050H-32/HQ-32 are dual high-side switch ICs able to
drive capacitive, resistive or inductive loads with one side connected to ground.
The very low RDS-ON (≤ 50 mΩ up to TJ = 125 °C) makes the IC suitable for
applications with up to 2.4 A (IPS2050H/HQ) or 5.6 A (IPS2050H-32/HQ-32) steady
state operating current.
Each output channel is independently protected against junction over-temperature
events by a junction temperature sensor, and a further temperature sensor is
included to monitor case temperature, so an overheated output channel can only
be turned back ON when the case temperature returns below the reset temperature.
The embedded per-channel overload protection circuit monitors the output current
and, on triggering of the activation threshold (IPK-X), starts modulating the impedance
of the output switch to limit the output current to ILIM-X, for both IC and load
protection.
The IC offers two different sets of activation threshold and limitation levels (IPKH-X,
ILIMH-X and IPKL-X, ILIML-X) for smart driving of capacitive loads (such as bulb lamps)
and loads with initial peak current requirements.
The IC diagnostics is based on two FAULT pins (current source), one for each
channel. Each FAULT pin is activated by an overload or an over-temperature event
on the related channel.
Product status link
IPS2050H
IPS2050H-32
IPS2050HQ
IPS2050HQ-32
Product label
High efficiency, high-side switch with extended diagnostics and smart driving for
capacitive loads
IPS2050H, IPS2050H-32
IPS2050HQ, IPS2050HQ-32
DS13779 - Rev 3 - August 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IPS2050H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
Precision Feedback Controllers Fixed and PTAT references
logo
International Rectifier
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 12P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS2050H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDBS09H04A FAIRCHILD-FDBS09H04A Datasheet
1Mb / 19P
Smart High Side Switch
logo
Bourns Electronic Solut...
FDDS100H06-F085 BOURNS-FDDS100H06-F085 Datasheet
407Kb / 16P
Smart High Side Switch
logo
Analog Devices
ADA4870 AD-ADA4870 Datasheet
734Kb / 25P
Ideal for driving high capacitive or low resistive loads
Rev. 0
logo
Texas Instruments
TPS272C45 TI-TPS272C45 Datasheet
1Mb / 46P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch with Diagnostics
TPS272C45 TI-TPS272C45_V01 Datasheet
2Mb / 59P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025H STMICROELECTRONICS-IPS1025H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
logo
Texas Instruments
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65CP TI-TPS274C65CP Datasheet
1Mb / 32P
TPS274C65CP 72-mΩ Quad-Channel Smart High-Side Switch With Diagnostics
OCTOBER 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com