Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2050H Datasheet(PDF) 8 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IPS2050H Datasheet HTML 4Page - STMicroelectronics IPS2050H Datasheet HTML 5Page - STMicroelectronics IPS2050H Datasheet HTML 6Page - STMicroelectronics IPS2050H Datasheet HTML 7Page - STMicroelectronics IPS2050H Datasheet HTML 8Page - STMicroelectronics IPS2050H Datasheet HTML 9Page - STMicroelectronics IPS2050H Datasheet HTML 10Page - STMicroelectronics IPS2050H Datasheet HTML 11Page - STMicroelectronics IPS2050H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Table 9. IPS2050H/HQ overload protections
Symbol
Parameter
Test Condition Min.
Typ.
Max. Unit
Overload with Dual Threshold Protection: IPD pin to GND by CPD (470 pF ≤ CPD ≤ 470 nF); see Section 7.3.1
IPKH-X
Initial overcurrent activation threshold for channel x
VCC = 24 V
-
11.5
-
A
ILIMH-X
Initial overcurrent limitation level for channel x
6.1
8.8
11.5
A
DPKX
Time limit of Initial overcurrent for channel x
-
215*CPD [nF]
-
µs
IPKL-X
Steady state overcurrent activation threshold for channel x
-
5.2
-
A
ILIML-X
Steady state overcurrent limitation level for channel x
2.5
3.5
4.5
A
IHYS
Steady state output Current limitation hysteresis
-
0.3
-
A
ILIML-OFF Steady state overcurrent limitation deactivation threshold
-
ILIML - IHYS
-
A
Overload with Single Level (Lowest) Protection: IPD pin connected to IN by 10kΩ resistor; see Section 7.3.2
IPKL-X
Steady state overcurrent activation threshold for channel x
VCC = 24 V
-
5.2
-
A
ILIML-X
Steady state overcurrent limitation level for channel x
2.5
3.5
4.5
A
IHYS
Steady state output Current limitation hysteresis
-
0.3
-
A
ILIML-OFF Steady state overcurrent limitation deactivation threshold
-
ILIML-IHYS
-
A
Overload with Single Level (Highest) Protection: IPD pin connected to GND by 10kΩ resistor; see Section 7.3.3 .
IPKH-X
Initial overcurrent activation threshold for channel x
VCC = 24 V
-
11.5
-
A
ILIMH-X
Initial overcurrent limitation level for channel x
6.1
8.8
11.5
A
Table 10. IPS2050H-32/HQ-32 overload protections
Symbol
Parameter
Test Condition Min.
Typ.
Max. Unit
Overload with Dual Threshold Protection: IPD pin to GND by CPD (470 pF ≤ CPD ≤ 470 nF); see Section 7.3.1
IPKH-X
Initial overcurrent activation threshold for channel x
VCC = 24 V
-
19.8
-
A
ILIMH-X
Initial overcurrent limitation level for channel x
12.5
17.9
23.2
A
DPKX
Time limit of Initial overcurrent for channel x
-
215*CPD [nF]
-
µs
IPKL-X
Steady state overcurrent activation threshold for channel x
-
10.5
-
A
ILIML-X
Steady state overcurrent limitation level for channel x
5.7
8.0
10.4
A
IHYS
Steady state output Current limitation hysteresis
-
0.3
-
A
ILIML-OFF Steady state overcurrent limitation deactivation threshold
-
ILIML - IHYS
-
A
Overload with Single Level (Lowest) Protection: IPD pin connected to IN by 10kΩ resistor; see Section 7.3.2
IPKL-X
Steady state overcurrent activation threshold for channel x
VCC = 24 V
-
10.5
-
A
ILIML-X
Steady state overcurrent limitation level for channel x
5.7
8.0
10.4
A
IHYS
Steady state output Current limitation hysteresis
-
0.3
-
A
ILIML-OFF Steady state overcurrent limitation deactivation threshold
-
ILIML-IHYS
-
A
Overload with Single Level (Highest) Protection: IPD pin connected to GND by 10kΩ resistor; see Section 7.3.3 .
IPKH-X
Initial overcurrent activation threshold for channel x
VCC = 24 V
-
19.8
-
A
ILIMH-X
Initial overcurrent limitation level for channel x
12.5
17.9
23.2
A
IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32
Electrical characteristics
DS13779 - Rev 3
page 8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com