Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2050H Datasheet(PDF) 3 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 3 Page - STMicroelectronics

  IPS2050H Datasheet HTML 1Page - STMicroelectronics IPS2050H Datasheet HTML 2Page - STMicroelectronics IPS2050H Datasheet HTML 3Page - STMicroelectronics IPS2050H Datasheet HTML 4Page - STMicroelectronics IPS2050H Datasheet HTML 5Page - STMicroelectronics IPS2050H Datasheet HTML 6Page - STMicroelectronics IPS2050H Datasheet HTML 7Page - STMicroelectronics IPS2050H Datasheet HTML 8Page - STMicroelectronics IPS2050H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
2
Pin connection
Figure 2. Pin connections (top through view)
Table 1. Pin descriptions
Pin no.
Name
Description
PSSO24
QFN48L
1,
exposed pad
exposed pad
VCC
Supply voltage
2
8
IN2
Channel 2 input
3
11
IPD2
Channel 2 initial current duration / level selector.
Connect to GND by a capacitor to set duration of IPKH-2 (see
Section 7.3 and Table 9 / Table 10).
Connect to IN2 by a 220 kΩ resistor to disable initial IPKH-2 threshold on
channel 2 (the over-current limit for channel 2 is only IPKL-2).
Connect to GND by a 10 kΩ resistor to disable IPKL-2 on channel 2 (the
over-current threshold for channel 2 is only IPKH-2).
4
13
FLT2
Fault (Overload or Over-temperature) diagnostic pin for channel 2
5 to 12
17 to 24
OUT2
Channel 2 power stage output
13 to 20
35 to 42
OUT1
Channel 1 power stage output
21
46
FLT1
Fault (Overload or Over-temperature) diagnostic pin for channel 1
22
48
IPD1
Channel 1 initial current duration / level selector.
Connect to GND by a capacitor to set duration of IPKH-1 (see
Section 7.3 and Table 9 / Table 10).
Connect to IN1 by a 220 kΩ resistor to disable initial IPKH-1 threshold on
channel 1 (the over-current limit for channel 1 is only IPKL-1).
Connect to GND by a 10 kΩ resistor to disable IPKL-1 on channel 1 (the
over-current threshold for channel 1 is only IPKH-1).
23
3
IN1
Channel 1 input
24
6
GND
Device ground
Note:
Leaving IPDX floating is equivalent to a 1 µs duration for IPKH-X.
IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32
Pin connection
DS13779 - Rev 3
page 3/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com