Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2050H Datasheet(PDF) 9 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IPS2050H Datasheet HTML 5Page - STMicroelectronics IPS2050H Datasheet HTML 6Page - STMicroelectronics IPS2050H Datasheet HTML 7Page - STMicroelectronics IPS2050H Datasheet HTML 8Page - STMicroelectronics IPS2050H Datasheet HTML 9Page - STMicroelectronics IPS2050H Datasheet HTML 10Page - STMicroelectronics IPS2050H Datasheet HTML 11Page - STMicroelectronics IPS2050H Datasheet HTML 12Page - STMicroelectronics IPS2050H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Figure 4. High (left) and Low (right) ILOAD control activation thresholds (IPK) and limitation levels (ILIM)
1
ILOAD
IPKH-X
ILIMH-X
t < D PKX
TJ < TJSD
1
ILOAD
ILIML-X
t > D PKX
TJ < TJSD
IPKL-X
Table 11. Other protections
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Overtemperature protections
TJSD
Junction temperature shutdown
-
150
170
190
°C
TJR
Junction temperature reset
-
-
150
-
°C
TJHYS
Junction temperature hysteresis
-
7
20
-
°C
TCSD
Case temperature shutdown
-
-
130
-
°C
TCR
Case temperature reset
-
-
110
-
°C
TCHYS
Case temperature hysteresis
-
-
20
-
°C
Ground disconnection/Wire break
ILGND
GND disconnection output current
VINX = Vcc = 24 V,
VOUT = 0 V
-
-
0.5
mA
VCC overvoltage
VCLAMP VCC Clamp Voltage
ICC ≤ 10 mA
65.5
70.0
73.5
V
Demagnetization of inductive load
VDEMAG Demagnetization Voltage
IOUT = 0.5 A, Load ≥ 10 mH
Vcc-76
Vcc-72.5
Vcc-68
V
IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32
Electrical characteristics
DS13779 - Rev 3
page 9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com