Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS33
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS33 Datasheet(HTML) 5 Page - STMicroelectronics

  TS33 Datasheet HTML 1Page - STMicroelectronics TS33 Datasheet HTML 2Page - STMicroelectronics TS33 Datasheet HTML 3Page - STMicroelectronics TS33 Datasheet HTML 4Page - STMicroelectronics TS33 Datasheet HTML 5Page - STMicroelectronics TS33 Datasheet HTML 6Page - STMicroelectronics TS33 Datasheet HTML 7Page - STMicroelectronics TS33 Datasheet HTML 8Page - STMicroelectronics TS33 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
4
Electrical characteristics
VIN = 5 V, ILOAD = 0 mA, Tamb = 25 °C (unless otherwise specified).
Table 4. Electrical characteristics for TS3312
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIN
Minimum input voltage
ILOAD = 0 mA
Tamb = 25 °C
1.8
V
VOUT
Output voltage
VIN = 5 V
ILOAD = 0 mA
Tamb = 25 °C
1.25
V
Initial accuracy
-0.15
0.15
%
∆VOUT/∆T
Average temperature
coefficient
-40 °C < Tamb < +85 °C
9
30
ppm/°C
-40 °C < Tamb < +125 °C
8
30
∆VOUT/∆VIN
Line regulation
VIN = 1.8 V to 5.5 V
-50
6
+50
ppm/V
0 °C < Tamb < 70 °C
6
-40 °C < Tamb < +85 °C
8
-40 °C < Tamb < +125 °C
30
∆VOUT/∆ILOAD Load regulation
VIN = 1.8 V
-50
6
+50
ppm/mA
ILOAD = ±5 mA
0 °C < Tamb < 70 °C
10
-40 °C < Tamb < +85 °C
20
-40 °C < Tamb < +125 °C
20
ISC
Short-circuit current sourcing/
sinking
35
mA
IQ
Quiescent current
3.9
7
µA
-40 °C < Tamb < +85 °C
4.4
7.5
-40 °C < Tamb < +125 °C
4.8
10
COUT
Capacitive load
0.1
10
µF
TON
Turn-on settling time
to 0.1 %, COUT = 1 µF
2
ms
en
Noise floor
f = 0.1 Hz to 10 Hz
27
µVP-P
TS33
Electrical characteristics
DS12001 - Rev 5
page 5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com