Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS33
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS33 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS33 Datasheet HTML 15Page - STMicroelectronics TS33 Datasheet HTML 16Page - STMicroelectronics TS33 Datasheet HTML 17Page - STMicroelectronics TS33 Datasheet HTML 18Page - STMicroelectronics TS33 Datasheet HTML 19Page - STMicroelectronics TS33 Datasheet HTML 20Page - STMicroelectronics TS33 Datasheet HTML 21Page - STMicroelectronics TS33 Datasheet HTML 22Page - STMicroelectronics TS33 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
7
Ordering information
Table 13. Order codes
Part number
Output voltage (V)
Precision
Package
Temperature range
TS3312AQPR
1.25
±0.15 %
QFN8
-40 to +125 °C
TS3320AQPR
2.048
TS3325AQPR
2.5
TS3330AQPR
3.0
TS3333AQPR
3.3
TS3312ACR
1.25
±0.15 %
SOT323-3L
-40 to +125 °C
TS3320ACR
2.048
TS3325ACR
2.5
TS3330ACR
3
TS3333ACR
3.3
TS3312AMR
1.25
±0.15 %
SOT23-3L
-40 to +125 °C
TS3320AMR
2.048
TS3325AMR
2.5
TS3330AMR
3
TS3333AMR
3.3
TS33
Ordering information
DS12001 - Rev 5
page 19/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com