Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS33
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS33 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS33 Datasheet HTML 6Page - STMicroelectronics TS33 Datasheet HTML 7Page - STMicroelectronics TS33 Datasheet HTML 8Page - STMicroelectronics TS33 Datasheet HTML 9Page - STMicroelectronics TS33 Datasheet HTML 10Page - STMicroelectronics TS33 Datasheet HTML 11Page - STMicroelectronics TS33 Datasheet HTML 12Page - STMicroelectronics TS33 Datasheet HTML 13Page - STMicroelectronics TS33 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
5
Typical performance characteristics
The following plots are referred to the typical application circuit and, unless otherwise noted, at TA = 25 °C,
VOUT = 3.0 V.
Figure 3. Output voltage vs. temperature
2.9900
2.9920
2.9940
2.9960
2.9980
3.0000
3.0020
3.0040
3.0060
-60
-40
-20
0
20
40
60
80
100
120
140
T [°C ]
GAMG251120160930MT
Figure 4. Output voltage vs. input voltage
GAMG251120160931MT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
VIN [V]
Figure 5. Quiescent current vs. input voltage
GAMG251120160932MT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
VIN [V]
Figure 6. Dropout voltage vs. load current
GAMG251120160933MT
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
ILOAD [mA]
TS33
Typical performance characteristics
DS12001 - Rev 5
page 10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com