Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS33
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS33 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS33 Datasheet HTML 16Page - STMicroelectronics TS33 Datasheet HTML 17Page - STMicroelectronics TS33 Datasheet HTML 18Page - STMicroelectronics TS33 Datasheet HTML 19Page - STMicroelectronics TS33 Datasheet HTML 20Page - STMicroelectronics TS33 Datasheet HTML 21Page - STMicroelectronics TS33 Datasheet HTML 22Page - STMicroelectronics TS33 Datasheet HTML 23Page - STMicroelectronics TS33 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
List of figures
Figure 1.
Pin configuration (top view) ........................................................... 2
Figure 2.
Typical application circuit ............................................................. 4
Figure 3.
Output voltage vs. temperature ........................................................ 10
Figure 4.
Output voltage vs. input voltage ....................................................... 10
Figure 5.
Quiescent current vs. input voltage ..................................................... 10
Figure 6.
Dropout voltage vs. load current ....................................................... 10
Figure 7.
SVR vs. frequency ................................................................ 11
Figure 8.
Low frequency noise ............................................................... 11
Figure 9.
Temperature drift.................................................................. 11
Figure 10.
Short-circuit current vs. dropout voltage .................................................. 11
Figure 11.
Startup transient (no load) ........................................................... 11
Figure 12.
Startup transient (IOUT = 5 mA) ........................................................ 11
Figure 13.
Line transient (no load) ............................................................. 12
Figure 14.
Line transient (IOUT = 1 mA) .......................................................... 12
Figure 15.
Load transient (IOUT = +/-1 mA) ....................................................... 12
Figure 16.
Load transient (IOUT = +/-5 mA) ....................................................... 12
Figure 17.
Short-circuit response .............................................................. 12
Figure 18.
Stability plan .................................................................... 12
Figure 19.
QFN8 package outline .............................................................. 13
Figure 20.
QFN8 recommended footprint......................................................... 14
Figure 21.
SOT23-3L package outline........................................................... 15
Figure 22.
SOT23-3L recommended footprint ..................................................... 16
Figure 23.
SOT323-3L package outline .......................................................... 17
Figure 24.
SOT323-3L recommended footprint..................................................... 18
TS33
List of figures
DS12001 - Rev 5
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com