Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS33
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS33 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS33 Datasheet HTML 7Page - STMicroelectronics TS33 Datasheet HTML 8Page - STMicroelectronics TS33 Datasheet HTML 9Page - STMicroelectronics TS33 Datasheet HTML 10Page - STMicroelectronics TS33 Datasheet HTML 11Page - STMicroelectronics TS33 Datasheet HTML 12Page - STMicroelectronics TS33 Datasheet HTML 13Page - STMicroelectronics TS33 Datasheet HTML 14Page - STMicroelectronics TS33 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Figure 7. SVR vs. frequency
GAMG251120160934MT
0
10
20
30
40
50
60
70
80
90
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
f [Hz]
VOUT = 3.00, ILOAD = 1 mA, VIN = 5 V
Figure 8. Low frequency noise
GAMG251120160935MT
-6.E-05
-4.E-05
-2.E-05
0.E+00
2.E-05
4.E-05
6.E-05
0
2
4
6
8
10
t [s]
VN = f(t), VOUT = 3.00 V, f = 0.1 - 10 Hz
Figure 9. Temperature drift
0
1
2
3
4
5
6
7
8
9
10
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Drift [ppm/ºC (-40ºC to 125ºC)]
GAMG251120160936MT
Figure 10. Short-circuit current vs. dropout voltage
GAMG251120160937MT
T = 25 °C, Cin = 1 µF, Cout = 1 µF
0
5
10
15
20
25
30
35
40
45
50
1
2
3
4
5
6
7
Vdrop[V]
Figure 11. Startup transient (no load)
GAMG251120160938MT
Figure 12. Startup transient (IOUT = 5 mA)
GAMG251120160939MT
TS33
Typical performance characteristics
DS12001 - Rev 5
page 11/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com