Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS33
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS33 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS33 Datasheet HTML 10Page - STMicroelectronics TS33 Datasheet HTML 11Page - STMicroelectronics TS33 Datasheet HTML 12Page - STMicroelectronics TS33 Datasheet HTML 13Page - STMicroelectronics TS33 Datasheet HTML 14Page - STMicroelectronics TS33 Datasheet HTML 15Page - STMicroelectronics TS33 Datasheet HTML 16Page - STMicroelectronics TS33 Datasheet HTML 17Page - STMicroelectronics TS33 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Table 9. QFN8 mechanical data
Dim.
mm
Note
Min.
Typ.
Max.
A
0.40
-
0.55
4
A1
0.00
-
0.05
12
A2
0.33
0.43
0.53
4
A3
-
4
b1
0.25
0.3
0.35
4.9
b2
0.20
0.25
0.30
b3
0.15
0.20
0.25
D
1.40
1.50
1.60
4
e
0.50
4
E
1.40
1.50
1.60
4
L1
0.30
0.40
0.50
4
L2
0.25
0.35
0.45
4
N
8
15
Table 10. QFN8 tolerance of form and position
Symbol
Tolerance of form and position
aaa
0.15
bbb
0.10
ccc
0.08
ddd
0.05
eee
0.10
Figure 20. QFN8 recommended footprint
DM00182817_A
TS33
QFN-8 package information
DS12001 - Rev 5
page 14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com