Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS33
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS33 Datasheet(HTML) 1 Page - STMicroelectronics

  TS33 Datasheet HTML 1Page - STMicroelectronics TS33 Datasheet HTML 2Page - STMicroelectronics TS33 Datasheet HTML 3Page - STMicroelectronics TS33 Datasheet HTML 4Page - STMicroelectronics TS33 Datasheet HTML 5Page - STMicroelectronics TS33 Datasheet HTML 6Page - STMicroelectronics TS33 Datasheet HTML 7Page - STMicroelectronics TS33 Datasheet HTML 8Page - STMicroelectronics TS33 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
QFN8 1.5x1.5
SOT23-3L
SOT323-3L
Features
Fixed 1.25 V,1.8 V, 2.048 V, 2.5 V, 3.0 V, 3.3 V 4.096 V, 5.0 V output voltage
Ultra low operating current: 3.9 μA (typ.) at 25 °C
High initial accuracy: +/-0.15 %
Stable when used with capacitive loads
Extended temperature range: -40 to +125 °C
30 ppm/°C maximum temperature coefficient
Available in QFN8 1.5x1.5, SOT23-3L and SOT323-3L packages.
Applications
Portable equipment
Data acquisition systems
Instrumentation
Medical equipment
Test equipment
Description
The TS33 family of low power series voltage references is capable of providing
stable and precise output voltages with an initial accuracy of 0.15% over an extended
temperature range (-40 to +125 °C).
The ultra low operating current is a key advantage for power-restricted designs. In
addition, the TS33 is very stable over the entire operating temperature range, making
it suitable for high-precision applications.
Available in QFN8, SOT23-3L and SOT323-3L surface mount packages, the TS33
can be designed in applications where space saving is a critical issue.
Maturity status link
TS33
Micropower high precision series voltage reference
TS33
Datasheet
DS12001 - Rev 5 - December 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TS33

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
More results

Similar Description - TS33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10 Datasheet
975Kb / 55P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
TL4051 TI-TL4051_15 Datasheet
1,022Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041-N TI1-LM4041-N_16 Datasheet
1Mb / 45P
Precision Micropower Shunt Voltage Reference
LM4040-EP TI-LM4040-EP_V01 Datasheet
954Kb / 14P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SEPTEMBER 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com