Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T3 Datasheet(PDF) 15 Page - IDEC Corporation

Part # LS-T3
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3 Datasheet(HTML) 15 Page - IDEC Corporation

Back Button LS-T3 Datasheet HTML 11Page - IDEC Corporation LS-T3 Datasheet HTML 12Page - IDEC Corporation LS-T3 Datasheet HTML 13Page - IDEC Corporation LS-T3 Datasheet HTML 14Page - IDEC Corporation LS-T3 Datasheet HTML 15Page - IDEC Corporation LS-T3 Datasheet HTML 16Page - IDEC Corporation LS-T3 Datasheet HTML 17Page - IDEC Corporation LS-T3 Datasheet HTML 18Page - IDEC Corporation LS-T3 Datasheet HTML 19Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
15
The World’s First ø16 mm, 4-contact Emergency Stop Switch.
Compact size - only 27.9 mm deep behind the panel. Reliable “Safe break action.”
• The depth behind the panel is only 27.9 mm for 1 to 4
contacts, both on illuminated and non-illuminated.
• IDEC’s original “Safe break action” ensures that the
contacts open when the contact block is detached from
the operator.
• 1 to 4NC main contacts and 1NO monitor contact
• Push-to-lock, Pull or Turn-to-reset operator
• Direct opening action mechanism (IEC 60947-5-5, 5.2,
IEC60947-5-1, Annex K)
• Safety lock mechanism (IEC 60947-5-5, 6.2)
• Degree of protection IP65 (IEC 60529)
• Two operator sizes: ø29 and ø40 mm
• Dark red (Munsell 5R4/12) or bright red (Munsell
7.5R4.5/14) colors are available for the operator of non-
illuminated emergency stop switches, and gray for stop
switch operators.
• UL, c-UL recognized. EN compliant
Standards
Applicable Standards
Mark
File No. or Organization
UL508
CSA C22.2 No. 14
UL/c-UL Recognized,
File No. E68961
IEC60947-5-5 (Note)
UL991 (Note)
NFPA79 (Note)
—
UL File No. E305148
EN60947-5-1
EN60947-5-5 (Note)
TÜV SÜD
EU Low Voltage Directive
GB14048.5
CCC No. 2005010305150899
(Stop switch:
CCC No. 2005010305150894)
Note: Except for stop switches (button color: gray).
Contact Ratings
NC main contacts (black) /NO monitor contact (blue)
Rated Insulation Voltage (Ui)
300V (illuminated part: 60V)
Rated Thermal Current (Ith)
5A
Rated Operating Voltage (Ue)
30V
125V
250V
Main
Contacts
AC
50/60
Hz
Resistive Load
(AC-12)
–
3A
3A
Inductive Load
(AC-15)
–
1.5A
1.5A
DC
Resistive Load
(DC-12)
2A
0.4A
0.2A
Inductive Load
(DC-13)
1A
0.22A
0.1A
Monitor
Contacts
AC
50/60
Hz
Resistive Load
(AC-12)
–
1.2A
0.6A
Inductive Load
(AC-14)
–
0.6A
0.3A
DC
Resistive Load
(DC-12)
2A
0.4A
0.2A
Inductive Load
(DC-13)
1A
0.22A
0.1A
• Minimum applicable load: 5V AC/DC, 1 mA (reference value)
(Operating area may vary according to the operating conditions
and load types.)
• The rated operating currents are measured at resistive/inductive
load types specified in IEC 60947-5-1.
Illumination Ratings
Rated Voltage
Operating Voltage
Rated Current
24V AC/DC
24V AC/DC ±10%
11 mA
Specifications
Applicable Standards
IEC60947-5-1, EN60947-5-1
IEC60947-5-5 (Note), EN60947-5-5
(Note), JIS C8201-5-1, UL991 (Note),
NFPA79 (Note), UL508, CSA C22.2
No.14, GB14048.5
Operating
Temperature
–25 to +60°C (no freezing)
Illuminated: –25 to +55°C (no freezing)
Storage Temperature
–45 to +80°C
Operating Humidity
45 to 85% RH (no condensation)
Operating Force
Push to lock: 10.5N
Pull to reset: 10N
Turn to reset: 0.16 N·m
Minimum Force
Required for Direct
Opening Action
60N
Minimum Operator
Stroke Required for
Direct Opening Action
4.0 mm
Maximum Operator
Stroke
4.5 mm
Contact Resistance
50 m
Ω maximum (initial value)
Insulation Resistance
100 M
Ω minimum (500V DC megger)
Overvoltage Category II
Impulse Withstand
Voltage
2.5 kV
Pollution Degree
3 (inside LED unit: 2)
Operation Frequency
900 operations/hour
Shock Resistance
Operating extremes: 150 m/s2
Damage limits:
1000 m/s2
Vibration Resistance
Operating extremes: 10 to 500 Hz,
amplitude 0.35 mm acceleration 50 m/s2
Damage limits:
10 to 500 Hz,
amplitude 0.35 mm acceleration 50 m/s2
Mechanical Life
250,000 operations minimum
Electrical Life
100,000 operations min
250,000 operations min (24V AC/DC, 100 mA)
Degree of Protection
IP65 (IEC60529)
Short-circuit
Protection
250V/10A fuse
(Type aM, IEC60269-1/IEC60269-2)
Conditional
Short-circuit Current
1000A
Terminal Style
Solder terminal, PC board terminal
Recommended
Tightening Torque
for Locking Ring
0.88 N·m
Connectable Wire
1.25 mm2 maximum (AWG16 maximum)
Soldering Conditions
310 to 350°C, 3 seconds maximum
Weight
ø29 mm: 23g, ø40 mm: 28g
Note: Except for stop switches (operator color: gray).
Direct Opening Action
XA Series EmergencyStopSwitches(w/RemovableContactBlock)
ø16
XA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com