Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T3 Datasheet(PDF) 40 Page - IDEC Corporation

Part # LS-T3
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3 Datasheet(HTML) 40 Page - IDEC Corporation

Back Button LS-T3 Datasheet HTML 36Page - IDEC Corporation LS-T3 Datasheet HTML 37Page - IDEC Corporation LS-T3 Datasheet HTML 38Page - IDEC Corporation LS-T3 Datasheet HTML 39Page - IDEC Corporation LS-T3 Datasheet HTML 40Page - IDEC Corporation LS-T3 Datasheet HTML 41Page - IDEC Corporation LS-T3 Datasheet HTML 42Page - IDEC Corporation LS-T3 Datasheet HTML 43Page - IDEC Corporation LS-T3 Datasheet HTML 44Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
40
YW Series Emergency Stop Switches
ø22
Emergency Stop Switches Specifications
Standards
Applicable Standards
Mark
File No. or Organization
UL508
CSA C22.2 No.14
UL/c-UL Listed
File No.E68961
EN60947-5-5
TÜV SÜD
EU Low Voltage Directive
GB14048.5
CCC No. 2006010305196875
R0.8 max.
0
+0.4
+0.2
0
ø22.
3
3.2
50 minimum
The 3.2-mm-wide key recess
is necessary when the
anti-rotation ring is used.
Mounting Hole Layout
LED Lamp Ratings
Part No.
Rated Voltage
Rated Current
LSED-6R
6V AC/DC
10 mA
LSED-1R
12V AC/DC
14 mA
LSED-2R
24V AC/DC
14 mA
LSED-HR
110/120V AC/DC
5.5 mA
LSED-M3R
230/240V AC/DC
2.7 mA
Incandescent Lamp Ratings
Part No.
Rated Voltage
Ratings
LS-T6
6V AC/DC
6.3V 1W
LS-T8
12V AC/DC
18V 1W
LS-T3
24V AC/DC
30V 1W
Contact Ratings (Contact Block)
Rated Insulation Voltage
600V
Rated Thermal Current
10A
Operating Voltage
24V
120V
240V
380V
AC
50/60
Hz
Resistive Load (AC-12)
10A
10A
6A
2A
Inductive Load (AC-15)
10A
6A
3A
1.9A
DC
Resistive Load (DC-12)
8A
2.2A
1.1A
–
Inductive Load (DC-13)
4A
1.1A
0.55A
–
Specifications
Operating temperature –20 to +55°C (no freezing)
Operating humidity
45 to 85% RH (no condensation)
Storage temperature
–45 to +80°C (no freezing)
Storage humidity
95% RH maximum
Degree of Protection
From panel front: IP65 (IEC 60529)
Terminal:
IP20 (IEC 60529)
Insulation Resistance
100 MΩ
Dielectric Strength
Contact block: 2,500V, 1 minute
Pilot light:
2,000V, 1 minute
Vibration Resistance
Operating extremes / Damage limits:
10 to 500 Hz, amplitude 0.35 mm,
acceleration 50 m/s2
Shock Resistance
Operating extremes:
150 m/s2 (15G)
Damage limits:
1,000 m/s2 (100G)
Mechanical Life
(minimum operations)
250,000 (single contact block)
Electrical Life
(minimum operations)
100,000 (single contact block)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com