Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T3 Datasheet(PDF) 37 Page - IDEC Corporation

Part # LS-T3
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3 Datasheet(HTML) 37 Page - IDEC Corporation

Back Button LS-T3 Datasheet HTML 33Page - IDEC Corporation LS-T3 Datasheet HTML 34Page - IDEC Corporation LS-T3 Datasheet HTML 35Page - IDEC Corporation LS-T3 Datasheet HTML 36Page - IDEC Corporation LS-T3 Datasheet HTML 37Page - IDEC Corporation LS-T3 Datasheet HTML 38Page - IDEC Corporation LS-T3 Datasheet HTML 39Page - IDEC Corporation LS-T3 Datasheet HTML 40Page - IDEC Corporation LS-T3 Datasheet HTML 41Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
37
Accessories
Shape
Material
Part No.
Ordering No.
Package
Quantity
Description & Dimensions (mm)
Locking Ring Wrench
Metal
(weight:
approx. 150g)
MW9Z-T1
MW9Z-T1
1
• Used to tighten the locking ring when installing
the HW switch onto a panel.
• Tighten the locking ring to a torque of 2.0 N·m.
Lamp Holder Tool
Rubber
OR-55
OR-55
1
• Used to install and remove the LED lamps.
Rubber Mounting Hole Plug
Rubber
(black)
OB-31
OB-31PN05
5
• Used to plug the unused ø22.2mm mounting
holes.
Metallic Mounting Hole Plug
Diecast Metal
(locking ring:
plastic)
LW9Z-BM
LW9Z-BM
1
• Used to plug the unused ø22.2mm mounting
holes.
• Tighten the locking ring to a torque of 1.2 N·m.
• IP66
• Mounting panel
thickness:
0.8 to 6 mm
Barrier
Plastic
HW-VG1
HW-VG1PN10
10
20
1.5
• Used to prevent con-
tact between adjacent
lead wires when units
are mounted closely.
Barriers should
always be used in
close mounting.
Ring Adapter
Rubber
HW9Z-A25
HW9Z-A25PN05
5
• Used to install the HW/TW units into ø25
mounting holes.
• IP65
• Cannot be used with anti-rotation ring and
nameplate.
• Mounting panel thickness: 1.2 to 6.0 mm
Ring Adapter
Adapter:
Plastic
Washer:
Metal
HW9Z-A30
HW9Z-A30PN02
2
• Used to install the HW units into ø30 mounting
holes (except for HW1E and HW1B-M5/V5).
• IP65
• Cannot be used with anti-rotation ring, name-
plate, full-shroud illuminated pushbuttons,
pushbutton selectors, and mono-lever switches.
• Mounting panel thickness: 1.6 to 4.0 mm
Ring Adapter
Adapter:
Rubber
Washer:
Metal
HW9Z-A30E HW9Z-A30EPN02
2
• Used to install the HW1E units into ø30 mount-
ing holes.
• IP65
• Cannot be used with anti-rotation ring and
nameplate.
• Mounting panel thickness: 1.6 to 3.8 mm
110
ø28
59
ø25
ø29
Gasket
Locking Ring
ø25.8
HW Series Emergency Stop Switches ø22
HW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com