Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T3 Datasheet(PDF) 42 Page - IDEC Corporation

Part # LS-T3
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3 Datasheet(HTML) 42 Page - IDEC Corporation

Back Button LS-T3 Datasheet HTML 38Page - IDEC Corporation LS-T3 Datasheet HTML 39Page - IDEC Corporation LS-T3 Datasheet HTML 40Page - IDEC Corporation LS-T3 Datasheet HTML 41Page - IDEC Corporation LS-T3 Datasheet HTML 42Page - IDEC Corporation LS-T3 Datasheet HTML 43Page - IDEC Corporation LS-T3 Datasheet HTML 44Page - IDEC Corporation LS-T3 Datasheet HTML 45Page - IDEC Corporation LS-T3 Datasheet HTML 46Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
42
Accessories
Name & Shape
Part No.
Description & Dimensions (mm)
Package
Quantity
Locking Ring Wrench
MW9Z-T1
Metallic tool used to tighten the
plastic locking ring when installing
the YW series control unit on a
panel.
1
Lamp Holder Tool
OR-55
Made of rubber.
Used for replacing lamps.
1
Rubber Mounting Hole Plug
OB-31PN05
Used for plugging unused mounting holes in the
panel.
Color: Black
5
Metallic Mounting Hole Plug
LW9Z-BM
Used for plugging unused mounting holes in the
panel.
Weight: Approx. 18g
1
Anti-Rotation Ring
HW9Z-
RLPN10
Prevents rotation of switches in panel.
Mainly used with selector switches when no
nameplate is used.
With waterproof gasket (IP65).
Made of plastic (black).
Applicable panel thickness: 1.2 to 4.5 mm
10
Padlock Cover
HW9Z-KL1
1
ø28
110
59
ø29
ø25
Locking Ring
ø25.8
TOP
ø22
ø29
1.5
PadLock Hole ø8
Waterproof Gasket
Thickness 0.5
ø50
29.5
30
Panel Thickness 0.8-3.2
82.5
24
Plastic hinged cover to protect pushbuttons,
illuminated pushbuttons, or selector switches.
Degree of protection: IP65.
Applicable panel thickness: 0.8 to 3.2 mm
ø22 YW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com