Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T3 Datasheet(PDF) 7 Page - IDEC Corporation

Part # LS-T3
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3 Datasheet(HTML) 7 Page - IDEC Corporation

Back Button LS-T3 Datasheet HTML 3Page - IDEC Corporation LS-T3 Datasheet HTML 4Page - IDEC Corporation LS-T3 Datasheet HTML 5Page - IDEC Corporation LS-T3 Datasheet HTML 6Page - IDEC Corporation LS-T3 Datasheet HTML 7Page - IDEC Corporation LS-T3 Datasheet HTML 8Page - IDEC Corporation LS-T3 Datasheet HTML 9Page - IDEC Corporation LS-T3 Datasheet HTML 10Page - IDEC Corporation LS-T3 Datasheet HTML 11Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
7
SEMI EMO Switch Guards
Yellow
guard
White
guard
ø16mm
mounting
hole
Red button
ø22mm
mounting
hole
ø30mm
mounting
hole
Switch and Background Color Selection Chart (IEC/SEMI/SEMATECH)
Switch
Applicable Nameplate (Note 1)
Applicable
Switch Guard
XA1E
HA1E
HA1B-V
HAAV-0, HAAV-27
HAAV4-0
HAAV4-27
N/A
XW1E
HW1E
HW1B-V, HW1B-X
HW1B-Y
HWAV-0-Y, HWAV-27-Y
HWAV5-0
HWAV5-27
HWAV5F-27
N/A
XN1E
XN4E
XN5E
HN1E
HNAV-0
HNAV-27
N/A
Switch
Applicable Nameplate
(Note 1) / EMO label
Applicable Switch Guard
SEMI
SEMATECH
XA1E-BV4
∗∗RH-EMO
HAAV4-0
XA9Z-KG1 (Note 2)
XW1E-BV4
∗∗RH-EMO
HW1B-V4
∗∗R-EMO
HWAV-0-Y
HW9Z-KG1 (Note 2)
HW9Z-KG2 (Note 2)
HW9Z-KG3 (Note 2)
HW9Z-KG4 (Note 2)
HW9Z-KG5
HW9Z-KG2 (Note 2)
HW9Z-KG4 (Note 2)
HW9Z-KG5
XW1E-BV4
∗∗RH-EMO
HW1B-V4
∗∗R-EMO
HWAV-0-Y
HW9Z-KG5-W
HW9Z-KG5-W
XA1E
HA1E
HA1B-V
HAAV-0, HAAV4-0
in combination with
HW9Z-EMO-NPP
XA9Z-KG1 (Note 2)
XW1E
HW1E
HW1B-V (Note 4)
HW1B-X
HW1B-Y
HWAV-74-Y,
HWAV-0-Y
in combination with
HW9Z-EMO-NPP
HW9Z-KG1 (Note 2)
HW9Z-KG2 (Note 2)
HW9Z-KG3 (Note 2)
HW9Z-KG4 (Note 2)
HW9Z-KG5 (Note 3)
HW9Z-KG2 (Note 2)
HW9Z-KG4 (Note 2)
HW9Z-KG5 (Note 3)
XW1E
HW1E
HW1B-V (Note 4)
HW1B-X
HW1B-Y
HWAV-74-Y,
HWAV-0-Y
in combination with
HW9Z-EMO-NPP
HW9Z-KG5-W
(Note 3)
HW9Z-KG5-W
(Note 3)
XN1E
XN4E
XN5E
HN1E
HNAV-0
in combination with
HW9Z-EMO-NPP
Emergency Stop
IEC 60947-5-5
IEC 60204-1
ISO 13850
• Red colored
• Mushroom
• Yellow background
• Shall be positioned
for easy access
Switch
Applicable Nameplate
Applicable Switch Guard
XA1E-BV
∗∗∗Y
HA1E-V2S
∗Y
HAAV-0-W
HAAV4-0-W
XW1E-BV4
∗∗Y
HW1B-V
∗∗∗Y
HW1B-Y2
∗∗Y
HWAV-0-W
HWAV5-0-W
HW9Z-KG4-W
(Note 2)
HW9Z-KG5-W
(Note 3)
Note 1: Marking plate legend
-0 (blank), -27 (EMERGENCY STOP), -74 (EMERGENCY OFF)
Note 2: Cannot be used with a nameplate.
Note 3: Cannot be used with HWAV5-
∗.
Note 4: HW1B-V5 switch cannot be used with a switch guard.
Emergency Off
(EMO)
SEMI S2-0706
• Red and mushroom
shaped button
• Yellow background
• EMO or Emergency
Off labeled
Local/Partial
Shut Down
SEMI S26-0308
• Should not use the
combination of red
button with yellow
background
• Should not be la-
beled as "EMO" or
"Emergency Off," or
the equivalent.
Emergency Off
(EMO)
SEMATECH Applica-
tion Guide for SEMI
S2-93
Red and mushroom
shaped button
• Yellow background
• EMO or Emergency
Off labeled
When installing a
guard
• Guard diameter
ø75mm minimum
• Button recessed from
the guard no more
than 3mm
ø16mm
mount-
ing hole
ø16mm
mount-
ing hole
ø16mm
mount-
ing hole
Yellow
guard
Yellow
Button
White
guard
ø22mm
mount-
ing hole
ø22mm
mount-
ing hole
ø22mm
mount-
ing hole
ø30mm
mounting
hole
Red button
(EMO
marking)
Red
button
Note: Stop switch (yellow but-
ton) should not be labeled as
“EMS” or “Emergency Stop.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com