Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T3 Datasheet(PDF) 36 Page - IDEC Corporation

Part # LS-T3
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3 Datasheet(HTML) 36 Page - IDEC Corporation

Back Button LS-T3 Datasheet HTML 32Page - IDEC Corporation LS-T3 Datasheet HTML 33Page - IDEC Corporation LS-T3 Datasheet HTML 34Page - IDEC Corporation LS-T3 Datasheet HTML 35Page - IDEC Corporation LS-T3 Datasheet HTML 36Page - IDEC Corporation LS-T3 Datasheet HTML 37Page - IDEC Corporation LS-T3 Datasheet HTML 38Page - IDEC Corporation LS-T3 Datasheet HTML 39Page - IDEC Corporation LS-T3 Datasheet HTML 40Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
36
Dimensions
ø29mm Pushlock Turn Reset
HW1B-V3
LOCK
32
29.4
13
Terminal Screw M3.5
Panel Thickness 0.8 to 6
Locking Ring
Safety Lever Lock
Gasket
49.4 (1 or 2 blocks)
69.4 (4 blocks)
1 contact block 2 contact blocks
4 contact blocks
ø40mm Pushlock Turn Reset
HW1B-V4
LOCK
29.4
32
13
Safety Lever Lock
ø60mm Pushlock Turn Reset
HW1B-V5
34.5
15
Safety Lever Lock
ø40mm Pushlock Key Reset
HW1B-X4
LOCK
29.4
32
13
49.4
Safety Lever Lock
ø40mm Push-Pull
HW1B-Y2
LOCK
29.4
32
13
Safety Lever Lock
R0.8 max.
0
+0.4
+0.2
0
ø22.
3
3.2
The minimum mounting centers shown below are applicable to emergency stop
switches with one layer of contact blocks (two contact blocks). When two layers
of contact blocks are mounted, determine the minimum mounting centers in
consideration of convenience for wiring.
Minimum Mounting Centers for Emergency Stop Switches
Unit
Vertical Spacing
Horizontal Spacing
HW1B-V3
HW1B-V4
HW1B-X4
HW1B-Y2
50 mm minimum
50 mm minimum
HW1B-V5
60 mm minimum
60 mm minimum
Note: When using the safety lever lock, determine the vertical spacing in
consideration of convenience for installing and removing the safety lever lock.
Recommended vertical spacing: 100 mm
Panel Cut-Out
All dimensions in mm.
All dimensions in mm.
ø22 HW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com