Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T3 Datasheet(PDF) 55 Page - IDEC Corporation

Part # LS-T3
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3 Datasheet(HTML) 55 Page - IDEC Corporation

Back Button LS-T3 Datasheet HTML 51Page - IDEC Corporation LS-T3 Datasheet HTML 52Page - IDEC Corporation LS-T3 Datasheet HTML 53Page - IDEC Corporation LS-T3 Datasheet HTML 54Page - IDEC Corporation LS-T3 Datasheet HTML 55Page - IDEC Corporation LS-T3 Datasheet HTML 56Page - IDEC Corporation LS-T3 Datasheet HTML 57Page - IDEC Corporation LS-T3 Datasheet HTML 58Page - IDEC Corporation LS-T3 Datasheet HTML 59Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
55
Emergency Stop Switches (Unibody) Specifications
Standards
Applicable Standards
Mark
File No. or Organization
UL508
CSA C22.2 No. 14
UL Listing File No. E55996
EN60947-5-5
TÜV SÜD
EU Low Voltage Directive
GB14048.5
CCC No. 2013010305610376
Contact Ratings
Rated Insulation Voltage (Ui)
250V
Rated Thermal Current (Ith)
10A
Rated Operational Voltage (Ue)
24V 110V 220V
Rated
Operational
Current
AC
50/60
Hz
Resistive Load (AC-12)
6A
3A
3A
Inductive Load (AC-15)
6A
3A
3A
DC
Resistive Load (DC-12)
6A
2A
1A
Inductive Load (DC-13)
1.5A 0.3A 0.15A
Note: The operational current represents the classification by
making and breaking currents (IEC 60947-5-1).
Minimum applicable load (reference value): 3V AC/DC,
5 mA (Applicable range may vary with operating conditions
and load types.)
LED Lamp Ratings
Rated
Operating
Voltage of Unit
LED Lamp
Part No.
Rated Voltage
Rated Current
24V AC/DC
LSTD-2R 24V AC/DC ±10%
10 mA
Incandescent Lamp Ratings
Unit Rated Operating Voltage
Incandescent Lamp
Part No.
Wattage
24V AC/DC
LS-3
1W (30V)
Specifications
Operating
Temperature
–25 to +60°C (no freezing)
Illuminated units: –25 to +55°C
Storage Temperature –40 to +80°C
Operating Humidity
45 to 85% RH (no condensation)
Operating Force
50N
Minimum Force
Required for Direct
Opening Action
5.5 mm
Maximum Operator
Stroke
10 mm
Contact Resistance
50 mΩ maximum (initial value)
Insulation Resistance 100 MΩ minimum (500V DC megger)
Dielectric Strength
Between live and dead metal parts
Contacts:
2,500V AC, 1 minute
Illuminated parts: 1,000V AC, 1 minute
Vibration Resistance
Damage limits:
30 Hz, amplitude 1.5 mm
Operating extremes: 5 to 55 Hz, amplitude 0.5 mm
Shock Resistance
Damage limits:
1,000 m/s2
Operating extremes:
100 m/s2
Operating Frequency 900 operations/h
Life
Mechanical: 250,000 operations minimum
Electrical:
100,000 operations minimum
Degree of Protection
IP65
Terminal Style
M3.5 screw
Weight (approx.)
58g (HN1E-BV402R)
65g (HN1E-LV402Q4R)
HN Series Emergency Stop Switches
ø30
Pushlock Turn Reset Switches (Unibody)
Shape
Contact
Part No.
Button Color
1NO-1NC
HN1E-BV411R
Red only
2NC
HN1E-BV402R
• When pressed, the button is held depressed. The button is released by turning clockwise.
• Terminal cover HW-VL7 is supplied with the switch.
Illuminated Pushlock Turn Reset Switches (Unibody)
Shape
Lamp
Contact
Part No.
Lens Color
Without Lamp
1NO-1NC
HN1E-LV411Q0R
Red only
2NC
HN1E-LV402Q0R
• When pressed, the button is held depressed. The button is released by turning clockwise.
• Terminal cover HW-VL7 is supplied with the switch.
Maintenance Parts
Name
Part No.
Ordering No.
Package Quantity
Terminal Cover for HW1E
HW-VL7
HW-VL7PN10
10
HN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com